Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHBA Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # MHBA
Description  Small size - High voltage ??High Capacitance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MHBA Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  MHBA Datasheet HTML 1Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 2Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 3Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 4Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 5Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 6Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 7Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
Small size - High voltage – High Capacitance
APPLICATIONS
UPS – DC link – AC/DC motor controls – Power inverters
Operating Temperature
Range
-40°C to +100°C
Above +85°C applied voltage must be de-rated by 1.5%/2.5%/°C (DC/AC)
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Surge Voltage
(VDC)
Code
A04
A03
A02
A06
A01
VDC
370
500
600
700
800
SVDC
470
625
750
875
1050
AC Voltage
(VAC)
Code
A04
A03
A02
A06
A01
VAC
160
250
330
380
400
Dissipation Factor (MAX)
Tan δ
at 1 kHz and 25°C
C< 5μF
5μF<C<15μF
15μF<C<30μF
30μF<C<60μF
C>60μF
.06
.1
.13
.15
.17
RMS Current
See standard part listing, Applied RMS is to be de-rated at temperatures above 85°C. No
RMS current is to be applied when the ambient temperature is>+95°C
Insulation Resistance
30000 MΩxuF
After 1 minute of 100VDC applied between the terminals at 25°C
Self-Inductance
<1 nano-Henry per mm of lead spacing
Long Term Stability
Capacitance variation <1% MAX after 2 years
Dielectric Strength
Terminal to Terminal
Terminal to case
160% of VDC applied between the
terminals for 10 Seconds and 25°C
3KVAC at 50/60 Hz applied between the terminals
and case for 60 Seconds and 25°C
Failure Quota
300/billion component hours
Life Expectancy
100000/ 30000 hours (DC/AC)
∆C -3% MAX @ rated voltage
Damp Heat Test
Test Condition
Performance requirements
Temperature= +40°C +2°C
Max Capacitance
change
< +2% of initially measured valued
Relative Humidity=93 +2%
DF Change
< 0.1% @ 1 kHz
Test length= 56 days
Insulation resistance
> 50% of minimum specified value
Resistance to soldering
Heat
Solder bath temperature: +260°C
+/- 5°C
Exposure time: 10 seconds +/- 1
second
Max Capacitance change
<1% of initially measured value
DF Change
< .1% at 1kHz
Insulation resistance
>50% of minimum specified value
Construction
Metallized Polypropylene film
Electrodes
Vacuum deposited Metal layers
Coating
Flame retardant Solvent resistant plastic case with epoxy end fill
Lead Terminations
Lead free tinned copper leads


Similar Part No. - MHBA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MHBAWT-0000-000C0BD257E CREE-MHBAWT-0000-000C0BD257E Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
MHBAWT-0000-000C0BD265E CREE-MHBAWT-0000-000C0BD265E Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
MHBAWT-0000-000C0BD457E CREE-MHBAWT-0000-000C0BD457E Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
MHBAWT-0000-000C0BD465E CREE-MHBAWT-0000-000C0BD465E Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
MHBAWT-0000-000C0BE257E CREE-MHBAWT-0000-000C0BE257E Datasheet
1Mb / 28P
Flexible 9-V, 18-V or 36-V options
Rev 2J
More results

Similar Description - MHBA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
Small size - High voltage - General purpose
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
Small size - High voltage - General purpose
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
Small size - High voltage ??High Capacitance
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
Small Size - High Voltage - General Purpose
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com