Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

427MDCL700KFF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 427MDCL700KFF
Description  Male/female lead styles - High voltage/current ??Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

427MDCL700KFF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  427MDCL700KFF Datasheet HTML 1Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 2Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 3Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Male/female lead styles - High voltage/current – Low ESR
APPLICATIONS
Induction heaters – DC link – AC/DC motor controls – Power
inverters
Operating Temperature
Range
-40°C to +85°C
Storage Temperature Range
-40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
Surge Voltage
WVDC
450
700
900
1100
1500
2000
SVDC
1.5*WVDC
Dissipation Factor
Max at 100 Hz, 25°C
.25%
Insulation Resistance
@20°C (<70% RH)for 1
minute at 100VDC applied
10000 Megohmxmicrofarads(seconds)
Dielectric Strength
Terminal to Terminal
Terminal to Case
150% of VDC applied for 60
Seconds and 25°C
3 KVAC (50/60 Hz) applied
for 60 seconds at 25°C
Life expectancy
Up to 100000 hours @70°C
Capacitance Change
<15% of initially measured value
Long term Stability
<1% after 2 years at standard environmental conditions
Reliability
300 FIT
Construction
Metallized polypropylene film and internal series
connections
Casing
Metal can with epoxy fill (UL94V-0)
MAXIMUM ALTITUDE
3500 m
Lead terminations
Lead free tinned Brass leads (RoHS compliant)


Similar Part No. - 427MDCL700KFF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
427 3M-427 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 427
Jun-2019
logo
Adafruit Industries
427 ADAFRUIT-427 Datasheet
144Kb / 2P
Tiny Modular Snap Boxes - SMD component storage - 10 pack - Blue
7/21/2015
logo
Keystone Electronics Co...
427 KEYSTONE-427 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Pro-Signal
427-4258 PROSIGNAL-427-4258 Datasheet
26Kb / 1P
Coaxial Fly Leads
logo
Integrated Circuit Syst...
4270 ICST-4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results

Similar Description - 427MDCL700KFF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
Super low ESR, high ripple current capability
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
Super low ESR, high ripple current capability
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
High current ??High dvdt ??multiple lug styles
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
Low ESR - High Current ??High pulse current ratings
logo
Cornell Dubilier Electr...
HZA CDE-HZA Datasheet
777Kb / 7P
Very Low ESR and High Ripple Current
VPR CDE-VPR Datasheet
243Kb / 5P
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com