Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

427MDCL700KFF Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 427MDCL700KFF
Description  Male/female lead styles - High voltage/current ??Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

427MDCL700KFF Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  427MDCL700KFF Datasheet HTML 1Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 2Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 3Page - Illinois Capacitor, Inc. 427MDCL700KFF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MDCL
Metallized Polypropylene,
round tube capacitor
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Self
Inductance
(nH)
Dims DxL
(mm)
Lead
Spacing
S+-2
(mm)
Thermal
Resistance
(°C/W)
1000
700
108MDCL700KPG#
8
50
1.8
38
116x130
50
8
1200
1100
128MDCL112KPN#
8
80
1
116x230
50
8
1300
900
138MDCL900KPK#
5
80
1
20
116x180
50
8
1300
1100
138MDCL112KTK#
5
100
0.8
20
136x180
50
8
1450
700
148MDCL700KPK#
5
80
1
20
116x180
50
8
1650
900
168MDCL900KTK#
5
90
0.95
20
136x180
50
8
1700
1100
178MDCL112KTN#
5
100
0.9
136x230
50
8
2000
450
208MDCL450KPN#
7
100
0.9
116x230
50
8
2000
700
208MDCL700KTK#
3
100
0.95
20
136x180
50
8
2250
900
228MDCL900KTN#
5
100
0.8
136x230
50
8
2800
450
288MDCL450KTN#
5
120
0.9
136x230
50
8
2800
700
288MDCL700KTN#
3
100
0.8
136x230
50
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com