Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTS3384D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBTS3384D
Description  10-bit bus switch with 5-bit output enables and Schottky undershoot protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTS3384D Datasheet(HTML) 4 Page - NXP Semiconductors

  CBTS3384D Datasheet HTML 1Page - NXP Semiconductors CBTS3384D Datasheet HTML 2Page - NXP Semiconductors CBTS3384D Datasheet HTML 3Page - NXP Semiconductors CBTS3384D Datasheet HTML 4Page - NXP Semiconductors CBTS3384D Datasheet HTML 5Page - NXP Semiconductors CBTS3384D Datasheet HTML 6Page - NXP Semiconductors CBTS3384D Datasheet HTML 7Page - NXP Semiconductors CBTS3384D Datasheet HTML 8Page - NXP Semiconductors CBTS3384D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data
CBTS3384
10-bit bus switch with 5-bit output enables
and Schottky undershoot protection
2002 Dec 13
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = -40 to +85 °C
UNIT
Min
Typ1
Max
VIK
Input clamp voltage
VCC = 4.5 V; II = -18 mA
—
—
-1.2
V
II
Input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
—
—
±1
µA
ICC
Quiescent supply current2
VCC = 5.5 V; IO = 0, VI = VCC or GND
—
—
3
µA
∆ICC
Additional supply current per input pin2
VCC = 5.5 V, one input at 3.4 V, other inputs at VCC
or GND
—
—
2.5
mA
CI
Control pins
VI= 3.0 V or 0
—
4
—
pF
CI(OFF)
Power-off leakage current
VO = 3.0 V or 0, OE = VCC
—
10
—
pF
VCC = 4.5 V; VI = 0 V; II = 64 mA
—
5
7
ron3
On-resistance
VCC = 4.5 V; VI = 0 V; II = 30 mA
—
5
7
Ω
on
VCC = 4.5 V; VI = 2.4 V; II = -15 mA
—
10
15
VP
Pass voltage
VI= VCC = 5.0 V; IO = -100 µA
3.4
3.6
3.9
V
IUCP
Undershoot static current protection
VCC = 5.0 V, IB = 400 µA; OE = 5.0 V; VB ≥ 3.0 V
—
8
—
mA
NOTES:
1. All typical values are at VCC = 5 V, Tamb = 25 °C.
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is
determined by the lowest voltage of the two (A or B) terminals.
AC CHARACTERISTICS
GND = 0 V; tR; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
FROM
TO
VCC = +5.0 V ±0.5 V
UNIT
(INPUT)
(OUTPUT)
Min
Max
tpd
Propagation delay1
A or B
B or A
—
0.25
ns
ten
Output enable time
to High and Low level
OE
A or B
1.0
5.7
ns
tdis
Output disable time
from High and Low level
OE
A or B
1.0
5.2
ns
NOTE:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
LIMITS
SYMBOL
PARAMETER DESCRIPTION
-40 to +85
° C
VCC = 5 V, ±0.5 V
UNIT
MIN.
MEAN
MAX.
tPD
Propagation delay (see Note 1)
—
—
250
pS
tPZH
Output enable time to High level
1.6
3.4
5.6
nS
tPHZ
Output enable time from High level
1.7
3.3
5.5
nS
tPZL
Output enable time to Low level
2.3
4
6
nS
tPLZ
Output enable time from Low level
2.5
4.5
6.6
nS
NOTE:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance); at +25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com