Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTS3384D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTS3384D
Description  10-bit bus switch with 5-bit output enables and Schottky undershoot protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTS3384D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTS3384D Datasheet HTML 3Page - NXP Semiconductors CBTS3384D Datasheet HTML 4Page - NXP Semiconductors CBTS3384D Datasheet HTML 5Page - NXP Semiconductors CBTS3384D Datasheet HTML 6Page - NXP Semiconductors CBTS3384D Datasheet HTML 7Page - NXP Semiconductors CBTS3384D Datasheet HTML 8Page - NXP Semiconductors CBTS3384D Datasheet HTML 9Page - NXP Semiconductors CBTS3384D Datasheet HTML 10Page - NXP Semiconductors CBTS3384D Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Product data
CBTS3384
10-bit bus switch with 5-bit output enables
and Schottky undershoot protection
2002 Dec 13
8
SSOP24:
plastic shrink small outline package; 24 leads;
body width 3.9 mm; lead pitch 0.635 mm
SOT556-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com