Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-838-102G-R2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-838-102G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-838-102G-R2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-838-102G-R2 Datasheet HTML 1Page - Copal Electronics PA-838-102G-R2 Datasheet HTML 2Page - Copal Electronics PA-838-102G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part name
Material
Housing
“O” ring (P15)
Sealed liquid
Compensation resistor board
Fitting
1
2
3
4
5
1
2
53
4
Aluminum
Fluoro-rubber
SUS 316L
Ceraminc
Silicone oil
INTERNAL STRUCTURE
PA-838 (G 1/8)
O High corrosion resistance by double diaphragm structure
O Built-in amplifier circuit
O Incorporating temperature compensation function (0 ~ 50 °C)
O Current output mode
O Available with a ※VCR® fitting
■ FEATURES
■ MODEL NUMBER DESIGNATION
P A - 8 3 8 - 1 0 2 G - 0 5
Series name
Rated pressure range
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Thermal error/Fitting
05
:
± 0.05 % F.S./°C, G 1/8
R2
:
± 0.05 % F.S./°C, R 1/4
VCR
:
± 0.05 % F.S./°C, VCR
10
:
± 0.1 % F.S./°C, G 1/8
Pressure reference
G
:Gauge
PRESSURE TRANSDUCERS WITH AMP.
PA-838
Pressure reference
Gauge
0 ~ 49.0
0 ~ 98.1
0 ~ 981
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 10}
[% F.S./°C]
Thermal error
kPa {kgf/cm2}
Pated pressure range
Output
Current output
± 0.05
Fitting : G 1/8
Fitting : R 1/4
Fitting : VCR
Fitting : G 1/8
■ LIST OF MODEL NUMBERS
PA-838-501G-05
PA-838-102G-05
PA-838-103G-05
PA-838-501G-R2
PA-838-102G-R2
PA-838-103G-R2
PA-838-501G-VCR
PA-838-102G-VCR
PA-838-103G-VCR
PA-838-501G-10
PA-838-102G-10
PA-838-103G-10
± 0.10
※ Verify the above model numbers when placing orders.
※VCR® is a registered trade name of Cajon Co.
CAJON® is a registered trade name of Swagelok Co.
Note: For handling of VCR fittings, please contact a service center of Swagelok Co.


Similar Part No. - PA-838-102G-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-838-102D COPAL-PA-838-102D Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838-102D-F2 COPAL-PA-838-102D-F2 Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-838-102G-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
PRESSURE TRANSDUCERS WITH AMP.
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com