Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-838-102G-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-838-102G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-838-102G-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-838-102G-R2 Datasheet HTML 1Page - Copal Electronics PA-838-102G-R2 Datasheet HTML 2Page - Copal Electronics PA-838-102G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
22
Pressure port
M 5 depth 6
G 1/8 (PF 1/8)
(SUS 316L)
12
8
22.5
551
(10)
P 15
“O” ring groove depth 1.8
Cable bush (ESS-1)
SN plate label
Part No. label
Housing (Aluminum with alumite finish)
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
( 3.8)
φ
Pressure port
M5 depth 6
22
13.5
8
23.5
56 1
(10)
0
–0.3
R 1/4 (PT 1/4)
(SUS 316L)
SN plate label
Part No. label
Cable bush (ESS-1)
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
( 3.8)
φ
Housing (Aluminum with alumite finish)
19
(16)
8.5
(26.5)
59 1
(10)
0
–0.3
Cable bush (ESS-1)
SN plate label
Part No. label
Housing (Aluminum with alumite finish)
4 – core shielded cable
L = 1500 50
AWG26 ULNo.2844
( 3.8)
φ
1/4 VCR
(SUS 316)
PA-838
PRESSURE TRANSDUCERS WITH AMP.
OG1/8 type
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
Wire color
Red
White
Shield
Green
Black
Connection
Power
B
Output
Fitting
N.C.
N.C.
PA-838
O R1/4 type
O VCR type
■ RECOMMENDED EXTERNAL SCHEMATICS
■ INTERNAL ELECTRICAL SCHEMATICS
Pressure
Sensor
Power
B
Output
Main circuit
Shield
V
RL : 250
Pressure
24V DC
Sensor
Power
B
Main circuit
Output
Shield



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com