Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I Datasheet(PDF) 13 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 13 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 9Page - SMSC Corporation COM20022I Datasheet HTML 10Page - SMSC Corporation COM20022I Datasheet HTML 11Page - SMSC Corporation COM20022I Datasheet HTML 12Page - SMSC Corporation COM20022I Datasheet HTML 13Page - SMSC Corporation COM20022I Datasheet HTML 14Page - SMSC Corporation COM20022I Datasheet HTML 15Page - SMSC Corporation COM20022I Datasheet HTML 16Page - SMSC Corporation COM20022I Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 13
Rev. 08-18-03
DATASHEET
4.2.1
Selecting Clock Frequencies Above 2.5 Mbps
To realize a 10 Mbps network, an external 80 MHz clock must be input. However, since 80 MHz is the
frequency of FM radio band, it is not practical for use for noise emission reasons. Therefore, higher
frequency clocks are generated from the 20 MHz crystal as selected through two bits in the Setup2
register, CKUP[1,0] as shown below. The selected clock is supplied to the ARCNET controller.
CKUP1
CKUP0
CLOCK FREQUENCY (DATA RATE)
0
0
20 MHz (Up to 2.5Mbps) Default (Bypass)
0
1
40 MHz (Up to 5Mbps)
1
0
Reserved
1
1
80 MHz (Only 10Mbps)
This clock multiplier is powered-down (bypassed) on default. After changing the CKUP1 and CKUP0 bits,
the ARCNET core operation is stopped and the internal PLL in the clock generator is awakened and it
starts to generate the 40 MHz or 80 MHz. The lock out time of the internal PLL is 8uSec typically. After
more than 8
µsec (this wait time is defined as 1 msec in this data sheet), it is necessary to write command
data '18H' to the command register to re-start the ARCNET core operation. This clock generator is called
“clock multiplier”.
Changing the CKUP1 and CKUP0 bits must be one time or less after releasing a hardware reset.
The EF bit in the SETUP2 register must be set when the data rate is over 5 Mbps.
4.3
Network Reconfiguration
A significant advantage of the COM20022I is its ability to adapt to changes on the network. Whenever a
new node is activated or deactivated, a NETWORK RECONFIGURATION is performed. When a new
COM20022I is turned on (creating a new active node on the network), or if the COM20022I has not
received an INVITATION TO TRANSMIT for 210mS, or if a software reset occurs, the COM20022I causes
a NETWORK RECONFIGURATION by sending a RECONFIGURE BURST consisting of eight marks and
one space repeated 765 times. The purpose of this burst is to terminate all activity on the network. Since
this burst is longer than any other type of transmission, the burst will interfere with the next INVITATION
TO TRANSMIT, destroy the token and keep any other node from assuming control of the line.
When any COM20022I senses an idle line for greater than 20.5
µS, which occurs only when the token Is
lost, each COM20022I starts an internal timeout equal to 36.5
µs times the quantity 255 minus its own ID.
The COM20022I starts network reconfiguration by sending an invitation to transmit first to itself and then to
all other nodes by decrementing the destination Node ID. If the timeout expires with no line activity, the
COM20022I starts sending INVITATION TO TRANSMIT with the Destination ID (DID) equal to the
currently stored NID. Within a given network, only one COM20022I will timeout (the one with the highest
ID number). After sending the INVITATION TO TRANSMIT, the COM20022I waits for activity on the line.
If there is no activity for 18.7
µS, the COM20022I increments the NID value and transmits another
INVITATION TO TRANSMIT using the NID equal to the DID. If activity appears before the 18.7
µS timeout
expires, the COM20022I releases control of the line.
During NETWORK RECONFIGURATION,
INVITATIONS TO TRANSMIT are sent to all NIDs (1-255).
Each COM20022I on the network will finally have saved a NID value equal to the ID of the COM20022I
that it released control to. At this point, control is passed directly from one node to the next with no wasted
INVITATIONS TO TRANSMIT being sent to ID's not on the network, until the next NETWORK
RECONFIGURATION occurs. When a node is powered off, the previous node attempts to pass the token
to it by issuing an INVITATION TO TRANSMIT. Since this node does not respond, the previous node
times out and transmits another INVITATION TO TRANSMIT to an incremented ID and eventually a
response will be received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com