Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I Datasheet(PDF) 38 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 38 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 34Page - SMSC Corporation COM20022I Datasheet HTML 35Page - SMSC Corporation COM20022I Datasheet HTML 36Page - SMSC Corporation COM20022I Datasheet HTML 37Page - SMSC Corporation COM20022I Datasheet HTML 38Page - SMSC Corporation COM20022I Datasheet HTML 39Page - SMSC Corporation COM20022I Datasheet HTML 40Page - SMSC Corporation COM20022I Datasheet HTML 41Page - SMSC Corporation COM20022I Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 38
SMSC COM20022I
DATASHEET
Table 6.3 - Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Receiver
Inhibited
RI
This bit, if high, indicates that the receiver is not enabled because either
an "Enable Receive to Page fnn" command was never issued, or a packet
has been deposited into the RAM buffer page fnn as specified by the last
"Enable Receive to Page fnn" command. No messages will be received
until this command is issued, and once the message has been received,
the RI bit is set, thereby inhibiting the receiver. The RI bit is cleared by
issuing an "Enable Receive to Page fnn" command. This bit, when set,
will cause an interrupt if the corresponding bit of the Interrupt Mask
Register (IMR) is also set. When this bit is set and another station
attempts to send a packet to this station, this station will send a NAK.
6,5
(Reserved)
These bits are undefined.
4
Power On Reset
POR
This bit, if high, indicates that the COM20022I has been reset by either a
software reset, a hardware reset, or writing 00H to the Node ID Register.
The POR bit is cleared by the "Clear Flags" command.
3
Test
TEST
This bit is intended for test and diagnostic purposes. It is a logic "0" under
normal operating conditions.
2
Reconfiguration
RECON
This bit, if high, indicates that the Line Idle Timer has timed out because
the RXIN pin was idle for 20.5
µS. The RECON bit is cleared during a
"Clear Flags" command. This bit, when set, will cause an interrupt if the
corresponding bit in the IMR is also set. The interrupt service routine
should consist of examining the MYRECON bit of the Diagnostic Status
Register to determine whether there are consecutive reconfigurations
caused by this node.
1
Transmitter
Message
Acknowledged
TMA
This bit, if high, indicates that the packet transmitted as a result of an
"Enable Transmit from Page fnn" command has been acknowledged.
This bit should only be considered valid after the TA bit (bit 0) is set.
Broadcast messages are never acknowledged. The TMA bit is cleared by
issuing the "Enable Transmit from Page fnn" command.
0
Transmitter
Available
TA
This bit, if high, indicates that the transmitter is available for transmitting.
This bit is set when the last byte of scheduled packet has been
transmitted out, or upon execution of a "Disable Transmitter" command.
The TA bit is cleared by issuing the "Enable Transmit from Page fnn"
command after the node next receives the token. This bit, when set, will
cause an interrupt if the corresponding bit in the IMR is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com