Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR160 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CR160
Description  Current Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CR160 Datasheet(HTML) 2 Page - Vishay Siliconix

  CR160 Datasheet HTML 1Page - Vishay Siliconix CR160 Datasheet HTML 2Page - Vishay Siliconix CR160 Datasheet HTML 3Page - Vishay Siliconix CR160 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CR160 Series
Vishay Siliconix
www.vishay.com
2
Document Number: 70195
S-40250—Rev. E, 15-Mar-04
ABSOLUTE MAXIMUM RATINGS
Peak Operating Voltage
100 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance (qJA)
417_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55 to 200_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Derate 2.4 mW/_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Peak Operating Voltageb
POV
IF = 1.1 IF(max)
100
135
V
Reverse Voltage
VR
IR = 1 mA
0.8
V
Capacitance
CF
VF = 25 V, f = 1 MHz
6
pF
Regulator
Currentc
(IF)
Dynamic Im-
pedanced
(Zd)
Knee
Impedance
(Zk)
Limiting
Voltagee
(VL)
Temperature
Coefficient
(q1)
VF = 25 V
VF = 25 V
VF = 6 V
IF = 0.8 IF(min)
VF = 25 V
0_C v TA v 100_C
mA
MW
MW
V
ppm/_C
Part Number
Min
Nom
Max
Min
Typa
Min
Typa
Max
Typa
Typa
CR160
1.440
1.60
1.760
0.475
1.10
0.092
0.40
1.65
0.70
1000
CR180
1.620
1.80
1.980
0.420
1.00
0.074
0.34
1.75
0.75
650
CR200
1.800
2.00
2.200
0.395
0.90
0.061
0.28
1.85
0.80
300
CR220
1.980
2.20
2.420
0.370
0.83
0.052
0.25
1.95
0.85
100
CR240
2.160
2.40
2.640
0.345
0.76
0.044
0.22
2.00
0.90
0
CR270
2.430
2.70
2.970
0.320
0.70
0.035
0.19
2.15
0.95
−200
CR300
2.700
3.00
3.300
0.300
0.65
0.029
0.16
2.25
1.00
−400
CR330
2.970
3.30
3.630
0.280
0.60
0.024
0.14
2.35
1.05
−550
CR360
3.240
3.60
3.960
0.265
0.54
0.020
0.13
2.50
1.10
−730
CR390
3.510
3.90
4.290
0.255
0.47
0.017
0.12
2.60
1.17
−820
CR430
3.870
4.30
4.730
0.245
0.40
0.014
0.10
2.75
1.25
−1000
CR470
4.230
4.70
5.170
0.235
0.35
0.012
0.09
2.90
1.32
−1125
Notes:
NKO
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
b.
Peak voltage at which IF = 1.1 IF(max).
c.
Pulse test—steady state currents may vary.
d.
Pulse test—steady state impedances may vary.
e.
Min VF required to insure IF = 0.8 IF(min).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com