Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CR160
Description  Current Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CR160 Datasheet(HTML) 3 Page - Vishay Siliconix

  CR160 Datasheet HTML 1Page - Vishay Siliconix CR160 Datasheet HTML 2Page - Vishay Siliconix CR160 Datasheet HTML 3Page - Vishay Siliconix CR160 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CR160 Series
Vishay Siliconix
Document Number: 70195
S-40250—Rev. E, 15-Mar-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Current vs. Forward Voltage
Output Current vs. Forward Voltage
Dynamic Impedance vs. Regulator Current
Limiting Voltage @ 0.8 IF vs. Regulator Current
Limiting Current vs. Temperature
Knee Impedance vs. Regulator Current
5
4
3
0
01
5
2
1
23
4
(V)
F
V
6
0
20
100
40
60
80
(V)
F
V
5
4
3
0
2
1
6
CR470
CR360
CR240
CR160
TJ (_C)
−55 −35 −15
5
25
45
65
85
105 125
5
4
3
0
2
1
6
VF = 25 V Steady State
CR470
CR360
CR240
CR160
510
1
0.1
0.02
2
1
VF = 6 V
IF (mA)
510
2
0.2
2
1
VF = 25 V
1
IF (mA)
510
2
0.2
2
1
VF = 25 V
1
IF (mA)
CR470
CR360
CR240
CR160
0.05
0.2
0.5
0.5
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com