Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL128DB Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL128DB
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL128DB Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL128DB Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL128DB Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUL128DB
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage IC= 50mA; Ib=0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 0.5A; IB= 0.1A
0.7
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
1.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5A
1.5
V
VCE(sat)-4
Collector-Emitter Saturation Voltage
IC= 4A; IB= 1A
0.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 0.5A; IB= 0.1A
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
1.2
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5A
1.3
V
ICES
Collector Cutoff Current
VCE= 700V; VBE= -1.5V
VCE= 700V; VBE= -1.5V,TC= 125℃
0.1
0.5
mA
ICEO
Collector Cutoff Current
VCE= 400V; IB= 0
0.25
mA
hFE-1
DC Current Gain
IC= 10mA; VCE= 5V
10
hFE-2
DC Current Gain
IC= 2A; VCE= 5V
8
40
VF
Diode Forward Voltage
IF= 2A
2.5
V
Switching Times, Resistive Load
ts
Storage Time
IC= 2A; VCC= 250V;
IB1= -IB2= 0.4A; tp= 30μs
2.9
μ
s
tf
Fall Time
0.2
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com