Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL128DB Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUL128DB
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL128DB Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUL128DB Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL128DB Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BUL128DB
DESCRIPTION
·
Collector–Emitter Sustaining Voltage
: VCEO(SUS) = 400V(Min.)
·
Low Collector Saturation Voltage
: VCE(sat) = 0.7V(Max) @ IC= 0.5A
·
Very High Switching Speed
APPLICATIONS
·
Designed for electronic ballasts for fluorescent lighting.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-peak tp<5ms
8
A
IB
Base Current-Continuous
2
A
IBM
Base Current-peak tp<5ms
4
A
PC
Collector Power Dissipation
TC=25℃
70
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.78
℃
/W
Rth j-A
Thermal Resistance,Junction to Ambient
62.5
℃
/W


Similar Part No. - BUL128DB

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BUL128D TGS-BUL128D Datasheet
65Kb / 1P
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BUL128D ISC-BUL128D Datasheet
267Kb / 2P
Silicon NPN Power Transistor
logo
STMicroelectronics
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-1998
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
228Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
15-Feb-2005
BUL128D-B STMICROELECTRONICS-BUL128D-B_05 Datasheet
228Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
15-Feb-2005
More results

Similar Description - BUL128DB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com