Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

278LMB080M2CF Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 278LMB080M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

278LMB080M2CF Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  278LMB080M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 6Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
4700
25
478LMB025M2BC 158.732
1.58
22x25
4700
25
478LMB025M2CC 158.732
1.51
25x25
4700
35
478LMB035M2BE 141.095
2
22x35
4700
35
478LMB035M2CC 141.095
1.73
25x25
4700
35
478LMB035M2DC 141.095
1.56
30x25
4700
35
478LMB035M2AF 141.095
2.21
20x40
4700
50
478LMB050M2BG 123.458
2.54
22x45
4700
50
478LMB050M2CE 123.458
2.58
25x35
4700
50
478LMB050M2DD 123.458
2.53
30x30
4700
50
478LMB050M2EC 123.458
1.86
35x25
4700
63
478LMB063M2CH 105.821
2.93
25x50
4700
63
478LMB063M2DE 105.821
2.9
30x35
4700
63
478LMB063M2ED 105.821
2.81
35x30
4700
63
478LMB063M2DF 105.821
3
30x40
4700
80
478LMB080M2DG 88.1843
3.34
30x45
4700
80
478LMB080M2EE 88.1843
3.38
35x35
4700
80
478LMB080M2DH 88.1843
3.5
30x50
4700
80
478LMB080M2EF 88.1843
3.5
35x40
4700
100
478LMB100M2EG 70.5475
4.12
35x45
5600
16
568LMB016M2AC 148.024
1.89
20x25
5600
25
568LMB025M2AE 133.221
2.23
20x35
5600
25
568LMB025M2BD 133.221
2.2
22x30
5600
35
568LMB035M2BE 118.419
2.4
22x35
5600
35
568LMB035M2CD 118.419
2.4
25x30
5600
50
568LMB050M2BH 103.617
2.8
22x50
5600
50
568LMB050M2CF 103.617
2.8
25x40
5600
50
568LMB050M2DD 103.617
2.76
30x30
5600
63
568LMB063M2DF 88.8141
3.22
30x40
5600
63
568LMB063M2EE 88.8141
3.3
35x35
5600
80
568LMB080M2DH 74.0118
3.8
30x50
5600
80
568LMB080M2EF 74.0118
3.8
35x40
5600
100
568LMB100M2EH 59.2094
4.05
35x50
6800
10
688LMB010M2AC 134.092
1.41
20x25
6800
16
688LMB016M2AD 121.902
2.25
20x30
6800
16
688LMB016M2BC 121.902
1.74
22x25
6800
16
688LMB016M2CD 121.902
1.67
25x30
6800
25
688LMB025M2AF 109.712
2.72
20x40
6800
25
688LMB025M2CC 109.712
1.88
25x25
6800
25
688LMB025M2DC 109.712
1.75
30x25
6800
25
688LMB025M2BD 109.712
1.85
22x30
6800
35
688LMB035M2BF 97.5214
2.35
22x40
6800
35
688LMB035M2CE 97.5214
2.27
25x35
6800
35
688LMB035M2DD 97.5214
2.3
30x30
6800
35
688LMB035M2EC 97.5214
1.96
35x25
6800
35
688LMB035M2DC 97.5214
2.78
30x25
6800
50
688LMB050M2CG 85.3312
3.32
25x45
6800
50
688LMB050M2DE 85.3312
3.34
30x35
6800
50
688LMB050M2ED 85.3312
3.25
35x30
6800
63
688LMB063M2DG 73.1411
3.71
30x45
6800
63
688LMB063M2EF 73.1411
3.68
35x40
6800
63
688LMB063M2DH 73.1411
3.86
30x50
6800
80
688LMB080M2EG 60.9509
3.9
35x45
6800
80
688LMB080M2EH 60.9509
4.12
35x50
8200
10
828LMB010M2AD 111.198
1.67
20x30
8200
16
828LMB016M2AE 101.089
2.43
20x35
8200
16
828LMB016M2BD 101.089
2.4
22x30
8200
25
828LMB025M2BE 90.9803
2.7
22x35
8200
25
828LMB025M2CD 90.9803
2.7
25x30
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
8200
25
828LMB025M2DC 90.9803
2.7
30x25
8200
35
828LMB035M2BH 80.8714
2.9
22x50
8200
35
828LMB035M2CF 80.8714
2.9
25x40
8200
35
828LMB035M2DD 80.8714
2.9
30x30
8200
50
828LMB050M2DF 70.7625
3.71
30x40
8200
50
828LMB050M2EE 70.7625
3.85
35x35
8200
63
828LMB063M2EG 60.6536
4.43
35x45
8200
80
828LMB080M2EH 50.5446
4.2
35x50
10000
10
109LMB010M2AD 91.1825
1.88
20x30
10000
10
109LMB010M2BC 91.1825
1.8
22x25
10000
16
109LMB016M2AF 82.8932
2.79
20x40
10000
16
109LMB016M2BD 82.8932
2.09
22x30
10000
16
109LMB016M2CC 82.8932
2.05
25x25
10000
25
109LMB025M2BF 74.6039
2.6
22x40
10000
25
109LMB025M2CE 74.6039
2.55
25x35
10000
25
109LMB025M2DD 74.6039
2.6
30x30
10000
25
109LMB025M2EC 74.6039
2.15
35x25
10000
35
109LMB035M2CG 66.3146
3
25x45
10000
35
109LMB035M2DE 66.3146
2.95
30x35
10000
35
109LMB035M2ED 66.3146
2.2
35x30
10000
50
109LMB050M2DG 58.0252
4.04
30x45
10000
50
109LMB050M2EF 58.0252
4.02
35x40
10000
50
109LMB050M2DH 58.0252
4.51
30x50
10000
63
109LMB063M2EH 49.7359
4.64
35x50
12000
10
129LMB010M2AE 75.9854
2.23
20x35
12000
10
129LMB010M2BD 75.9854
2.2
22x30
12000
10
129LMB010M2CC 75.9854
2.2
25x25
12000
16
129LMB016M2BE 69.0777
2.9
22x35
12000
16
129LMB016M2CD 69.0777
2.9
25x30
12000
25
129LMB025M2BG 62.1699
3.2
22x45
12000
25
129LMB025M2CF 62.1699
3.2
25x40
12000
25
129LMB025M2DD 62.1699
3.2
30x30
12000
35
129LMB035M2CH 55.2621
3.5
25x50
12000
35
129LMB035M2DF 55.2621
3.5
30x40
12000
35
129LMB035M2ED 55.2621
3.5
35x30
12000
50
129LMB050M2EG 48.3544
4.56
35x45
15000
10
159LMB010M2AF 60.7883
2.31
20x40
15000
10
159LMB010M2BE 60.7883
2.3
22x35
15000
10
159LMB010M2CC 60.7883
2.3
25x25
15000
16
159LMB016M2BF 55.2621
3.2
22x40
15000
16
159LMB016M2CE 55.2621
2.6
25x35
15000
25
159LMB025M2CG 49.7359
3.25
25x45
15000
25
159LMB025M2DE 49.7359
3.1
30x35
15000
25
159LMB025M2ED 49.7359
3.25
35x30
15000
35
159LMB035M2DG 44.2097
3.7
30x45
15000
35
159LMB035M2EF 44.2097
3.65
35x40
15000
35
159LMB035M2EE 44.2097
3.9
35x35
15000
50
159LMB050M2EH 38.6835
4.73
35x50
18000
10
189LMB010M2BF
50.657
2.52
22x40
18000
10
189LMB010M2CD 50.657
2.4
25x30
18000
10
189LMB010M2DC 50.657
2.49
30x25
18000
16
189LMB016M2BG 46.0518
3.5
22x45
18000
16
189LMB016M2CF 46.0518
3.5
25x40
18000
16
189LMB016M2DD 46.0518
3.5
30x30
18000
25
189LMB025M2DF 41.4466
3.9
30x40
18000
25
189LMB025M2ED 41.4466
3.9
35x30
18000
35
189LMB035M2EF 36.8414
4.51
35x40
22000
10
229LMB010M2BG 41.4466
2.6
22x45



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com