Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

278LMB080M2CF Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 278LMB080M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

278LMB080M2CF Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  278LMB080M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 6Page - Illinois Capacitor, Inc. 278LMB080M2CF Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
22000
10
229LMB010M2CE 41.4466
2.6
25x35
22000
10
229LMB010M2DC 41.4466
2.6
30x25
22000
16
229LMB016M2CG 37.6787
3.8
25x45
22000
16
229LMB016M2DD 37.6787
3.8
30x30
22000
16
229LMB016M2DE 37.6787
3.35
30x35
22000
16
229LMB016M2ED 37.6787
3.2
35x30
22000
25
229LMB025M2DG 33.9109
2.44
30x45
22000
25
229LMB025M2EE 33.9109
3.95
35x35
22000
35
229LMB035M2EG 30.143
5.24
35x45
27000
10
279LMB010M2BH 33.7713
3.19
22x50
27000
10
279LMB010M2CF 33.7713
3.1
25x40
27000
10
279LMB010M2DD 33.7713
3.1
30x30
27000
16
279LMB016M2CH 30.7012
4.2
25x50
27000
16
279LMB016M2DE 30.7012
4.2
30x35
27000
16
279LMB016M2ED 30.7012
4.2
35x30
27000
25
279LMB025M2EE 27.6311
4.8
35x35
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
33000
10
339LMB010M2CG 27.6311
3.4
25x45
33000
10
339LMB010M2DE 27.6311
3.4
30x35
33000
10
339LMB010M2ED 27.6311
3.4
35x30
33000
16
339LMB016M2DF 25.1192
4.7
30x40
33000
16
339LMB016M2EE 25.1192
4.21
35x35
33000
25
339LMB025M2EH 22.6072
5.47
35x50
39000
10
399LMB010M2DF 25.1192
3.79
30x40
39000
10
399LMB010M2ED 25.1192
3.7
35x30
39000
16
399LMB016M2DG 23.8052
4.9
30x45
39000
16
399LMB016M2EF 23.8052
5.1
35x40
47000
10
479LMB010M2DG 24.3389
4.26
30x45
47000
10
479LMB010M2EE 24.3389
4.2
35x35
47000
16
479LMB016M2DH 22.5752
5.27
30x50
47000
16
479LMB016M2EG 22.5752
5.5
35x45
56000
10
569LMB010M2EF 23.0917
5
35x40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com