Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # STF
Description  5mm Height ??Lead free leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

STF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  STF Datasheet HTML 1Page - Illinois Capacitor, Inc. STF Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
5mm Height – Lead free leads
APPLICATIONS
Filtering – Bypass – Coupling – Blocking
Operating Temperature
Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
Tan δ
.28
.24
.2
.16
.13
.12
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low
temperature
stability
Impedance ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
-25°C to +20°C
3
3
2
2
2
2
-40°C to +20°C
6
5
4
3
3
3
Load Life
1000 hours at 105°C with rated WVDC current applied
Capacitance change
<25% of initial measured value
Dissipation factor
<150% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Temperature (°C)
50
120
400
1k
10k
100k
+105
+85
+60
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.4
1.75
D+0.5
4
5
6.3
S
1.5
2.0
2.5
d
.45
0.5
0.5
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - STF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
STF-008HV PREMO-STF-008HV Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
STF-016HV PREMO-STF-016HV Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
STF-025HV PREMO-STF-025HV Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
logo
Eravant
STF-03-91-M2 ERAVANT-STF-03-91-M2 Datasheet
456Kb / 3P
WR-03, Mini Faraday Isolator, 0.524” Insertion Length, 90° Twist
Rev 1.2
More results

Similar Description - STF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
Lead-Free
logo
Illinois Capacitor, Inc...
PUM ILLINOISCAPACITOR-PUM Datasheet
196Kb / 2P
Small size ??Low heights ??Lead Free Leads
RSS ILLINOISCAPACITOR-RSS Datasheet
189Kb / 2P
Small size ??Low Prfile ??Lead Free Leads
SAK ILLINOISCAPACITOR-SAK Datasheet
236Kb / 2P
Small size ??Low Profile ??Lead Free Leads
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
5mm Height ??Lead free leads
UVK ILLINOISCAPACITOR-UVK Datasheet
201Kb / 2P
Small size - High Temperature ??Lead Free Leads
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
Small Size ??Low Profile ??Lead Free Leads
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
Lead Free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com