Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # STF
Description  5mm Height ??Lead free leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

STF Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  STF Datasheet HTML 1Page - Illinois Capacitor, Inc. STF Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STF
+105°C, 5mm height General
purpose, 1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104STF050M
1658.7
1
4x5
0.22
50
224STF050M
904.75
2.6
4x5
0.33
50
334STF050M
502.64
3.2
4x5
0.47
50
474STF050M
3.8
3.8
4x5
1
50
105STF050M
165.87
6.2
4x5
2.2
50
225STF050M
75.4
11
4x5
3.3
50
335STF050M
50.26
14
4x5
4.7
35
475STF035M
42.35
15
4x5
4.7
50
475STF050M
35.29
19
5x5
10
16
106STF016M
26.54
18
4x5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
10
35
106STF035M
19.9
25
5x5
10
50
106STF050M
19.9
30
6.3x5
22
6.3
226STF6R3M
18.09
22
4x5
22
16
226STF016M
12.06
30
5x5
22
35
226STF035M
9.05
48
6.3x5
33
10
336STF010M
10.05
35
5x5
33
25
336STF025M
7.04
48
6.3x5
47
6.3
476STF6R3M
9.877
36
5x5
47
16
476STF016M
7.055
50
6.3x5
100
6.3
107STF6R3M
3.98
60
6.3x5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com