Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL4331CSZ
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4331CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL4331CSZ Datasheet HTML 2Page - Intersil Corporation EL4331CSZ Datasheet HTML 3Page - Intersil Corporation EL4331CSZ Datasheet HTML 4Page - Intersil Corporation EL4331CSZ Datasheet HTML 5Page - Intersil Corporation EL4331CSZ Datasheet HTML 6Page - Intersil Corporation EL4331CSZ Datasheet HTML 7Page - Intersil Corporation EL4331CSZ Datasheet HTML 8Page - Intersil Corporation EL4331CSZ Datasheet HTML 9Page - Intersil Corporation EL4331CSZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Application Circuit #1
Figure 1 shows a very high speed RGB (or YUV) multiplexer.
Two video sources can be displayed on one monitor with the
only stipulation that the video sources have to be
synchronous. An example is a picture-in-picture, or “window”
is generated with one video source (e.g. RGB TV) in a
window, and a computer application around it. Multiplexing
synchronous RGB signals has the advantage that the video
signals do not have to be digitized, and an image stored in
RAM prior to being displayed.
When the monitor is switched off, or goes into its power-
saving blanked mode, the EL4331 can be powered down to
further save power. The input impedance does not change
appreciably between powered up and down modes, although
the bias current does drop to near zero.
A demonstration board with this circuit on it is available from
Elantec.
Application Circuit #2
Figure 2 shows a circuit that has either a very wide
bandwidth, or an 11MHz low pass response. The EL4331’s
“A” inputs are connected to the one frequency determining
set of components, while the “B” inputs are connected
directly. The A/B select pin therefore selects the desired
bandwidth. This would allow appropriate filtering to clean up
noisy low bandwidth video signals when displaying them on
a high quality wide bandwidth monitor.
Application Circuit #3
Figure 3 shows one of the three channels of a component
video, 8:1 multiplexer. The A/B select pins naturally allow
binary coded addressing—allowing simple microprocessor
or state machine control. Note that each amplifier output is
loaded, to keep the amplifier outputs damped.
Photograph A1 shows a staircase generated by having all
the inputs (sig0 through sig7) connected to a resistive divider
chain, and the select bits were driven by a binary counter.
Photograph A2 shows the glitch between steps 4 and 5; this
is the worst glitch since all three banks of EL4331s are
switching together. The magnitude of this glitch is affected by
the timing skew of the select lines, the physical length of the
traces, and the difference in amplitude of the two signals.
This particular circuit was bread-boarded using EL4331s on
their adapter boards (available from Elantec for those who
can not breadboard with SOICs), and the binary counter was
an 'LS163.
FIGURE 1. TWO RGB SOURCES MULTIPLEXED TO ONE
RGB OUTPUT
FIGURE 2. A BANDWIDTH-SELECTABLE FILTER
EL4331



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com