Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4331CSZ
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4331CSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL4331CSZ Datasheet HTML 1Page - Intersil Corporation EL4331CSZ Datasheet HTML 2Page - Intersil Corporation EL4331CSZ Datasheet HTML 3Page - Intersil Corporation EL4331CSZ Datasheet HTML 4Page - Intersil Corporation EL4331CSZ Datasheet HTML 5Page - Intersil Corporation EL4331CSZ Datasheet HTML 6Page - Intersil Corporation EL4331CSZ Datasheet HTML 7Page - Intersil Corporation EL4331CSZ Datasheet HTML 8Page - Intersil Corporation EL4331CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Typical Performance Curves
ISO-AB-10M
Input to Input Isolation at 10MHz
53
dB
ISO-AB-100M
Input to Input Isolation at 100MHz
33
dB
ISO-CH-10M
Channel to Channel Isolation at 10MHz
56
dB
ISO-CH-CH-100M
Channel to Channel Isolation at 100MHz
33
dB
Pkg
Peaking with Nominal Load
0
dB
TON_PD
Power-Down Turn-On Time
150
ns
TOFF_PD
Power-Down Turn-Off Time
1
µs
AC Electrical Specifications
VCC = +5V, VEE = -0.5V, Ambient Temperature = 25°C, RL = 150Ω and CL = 5pF (Continued)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
3dB Bandwidth Small Signal Transmit Response
Large Signal Transient Response
Switching a Family of DC Levels to Ground and Back
Switching from Ground to An Uncorrelated Sine
Wave and Back
Switching Glitch, 0V to 0V with 2ns AB edges
Switching Glitch, 0V to 0V with 10ns AB Edges
EL4331



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com