Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM820 Datasheet(PDF) 2 Page - ILSI America LLC

Part # IM820
Description  Pb-free, RoHS and REACH compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM820 Datasheet(HTML) 2 Page - ILSI America LLC

  IM820 Datasheet HTML 1Page - ILSI America LLC IM820 Datasheet HTML 2Page - ILSI America LLC IM820 Datasheet HTML 3Page - ILSI America LLC IM820 Datasheet HTML 4Page - ILSI America LLC IM820 Datasheet HTML 5Page - ILSI America LLC IM820 Datasheet HTML 6Page - ILSI America LLC IM820 Datasheet HTML 7Page - ILSI America LLC IM820 Datasheet HTML 8Page - ILSI America LLC IM820 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MEMS Oscillator, High Temperature, LVCMOS/HCMOS Compatible, 1.000 MHz to 100.000MHz
IM820 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 2 of 9
Ordering Information:
Part Number Guide
Packages
Input
Voltage
Operating
Temperature
Output Drive
Strength
Stability
(ppm)
Select
Function
Frequency
IM820B – 5.0 X 3.2
IM820C – 3.2 x 2.5
IM820D – 2.5 x 2.0
IM820E – 2.0 x 1.6
1 = +1.8 V
6 = +2.5 V
2 = +2.8 V
7 = +3.0 V
3 = +3.3 V
E = -40ºC to +105ºC
F = -40ºC to +125ºC
- = Default
(see tables 2
through 5)
F = ±20
A = ±25
Z = ±30
B = ±50
H = Tri-state
S = Standby
O = N/C
-
Frequency
Sample Part Number: IM820E-1E-FS-50.0000 MHz
This 50.0000 MHz oscillator in a 1.6 x 2.0 package with stability ±20 ppm from -40ºC to +105ºC using a supply voltage of +1.8 V. The Output Drive
Strength (Rise and Fall Time) is 2.40 nSec per Table 1 with 30 pF load. With Pin 1 function as Standby
Sample Part Number: IM820C-1F-AH-66.0000 MHz
This 66.0000 MHz oscillator in a 2.5 x 3.2 package with stability ±25 ppm from -40ºC to +125ºC using a supply voltage of +1.8 V. The Output Drive
Strength (Rise and Fall Time) is 2.40 nSec per Table 1 with 30 pF load. With Pin 1 function as Tri-state
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max
Test Circuit
Waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com