Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM820 Datasheet(PDF) 1 Page - ILSI America LLC

Part # IM820
Description  Pb-free, RoHS and REACH compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM820 Datasheet(HTML) 1 Page - ILSI America LLC

  IM820 Datasheet HTML 1Page - ILSI America LLC IM820 Datasheet HTML 2Page - ILSI America LLC IM820 Datasheet HTML 3Page - ILSI America LLC IM820 Datasheet HTML 4Page - ILSI America LLC IM820 Datasheet HTML 5Page - ILSI America LLC IM820 Datasheet HTML 6Page - ILSI America LLC IM820 Datasheet HTML 7Page - ILSI America LLC IM820 Datasheet HTML 8Page - ILSI America LLC IM820 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEMS Oscillator, High Temperature, LVCMOS/HCMOS Compatible, 1.000 MHz to 100.000MHz
IM820 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 1 of 9
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.0 x1.6, 2.5 x 2.0, 3.2 x 2.5, and 5.0 x 3.2 mm x mm
Pb-free, RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Electronic Specifications:
Frequency Range
1.000 MHz to 110.000MHz
Frequency Stability
See Part Number Guide
Inclusive of Initial Tolerance, Operating Temperature Range, Load, Voltage,
and Aging
Operating Temperature
See Part Number Guide
Supply Voltage (Vdd) ±10%
See Part Number Guide
Current Consumption
3.8 mA typ./ 4.7 mA max
3.6 mA typ./ 4.5 mA max
3.5 mA typ./ 4.5 mA max
No load condition, F = 20 MHz, Vdd = +2.8 V, +3.0 V or +3.3 V
No load condition, F = 20 MHz, Vdd = +2.5 V
No load condition, F = 20 MHz, Vdd = +1.8 V
OE Disable Current
4.5 mA max
4.3 mA max
Vdd = +2.5 V, to +3.3 V, OE = Low, output is high Z state
Vdd = +1.8 V, OE = Low, output is high Z state
Standby Current
2.6 µA typ./ 8.5 µA max
1.4 µA typ. 5.5 µA max
0.6 µA typ./ 4.0 µA max
Vdd = +2.8 V to 3.3 V,
ST = low
Vdd = +2.5 V,
ST = Low
Vdd = +1.8 V,
ST = Low
Waveform Output
LVCMOS/HCMOS
Symmetry
45%/55%
50% of waveform
Rise / Fall Time
1.0 nSec typ./ 2.0 nSec max
1.3 nSec typ./ 2.5 nSec max
Vdd = +2.5 V, +2.8 V, 3.0 V or 3.3 V from 20% to 80% of waveform
Vdd = +1.8 V, from 20% or 80% of waveform
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input Voltage High
70% of Vdd min
Pin 1, OE or
ST
Input Voltage Low
30% of Vdd max
Pin 1, OE or
ST
Input Pull-up Impedance
50 kΩ min, 87 kΩ typ./ 150 kΩ max
2.0 MΩ min
Pin 1, OE logic high or logic low, or
ST logic high
Pin 1,
ST logic low
Startup Time
5 mSec max
Measured from the time Vdd reaches its rated minimum values
Enable/Disable Time
130 nSec max
F = 110 MHz, For other frequencies, T_oe = 100 nSec + 3 * clock periods
Resume Time
5 mSec max
Measured from the time
ST pin crosses 50% threshold.
RMS Period Jitter
1.6 pSec typ./ 2.5 pSec max
1.9 pSec typ./ 3.0 pSec max
F = 75 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
Peak-to-Peak Period Jitter
12 pSec typ./ 20 pSec max
14 pSec typ./ 25 pSec max
F = 75 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
RMS Period Jitter (random)
0.5 pSec typ./ 0.8 pSec max
1.3 pSec typ./ 2.0 pSec max
F = 75 MHz, Integration bandwidth = 900 kHz to 7.5 MHz
F = 75 MHz, Integration bandwidth = 12.0 kHz to 20.0 MHz
Notes:
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
Typical values are at +25ºC and nominal supply voltage.


Similar Part No. - IM820

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
IM82-24-10 TURCK-IM82-24-10 Datasheet
251Kb / 2P
Switching power supply
2020-01-31
IM82-24-10-3P TURCK-IM82-24-10-3P Datasheet
248Kb / 2P
Switching power supplies
2020-01-31
IM82-24-2.5 TURCK-IM82-24-2.5 Datasheet
232Kb / 2P
Switching power supply
2020-01-31
IM82-24-20 TURCK-IM82-24-20 Datasheet
274Kb / 2P
Switching power supply
2020-01-31
IM82-24-5.0 TURCK-IM82-24-5.0 Datasheet
257Kb / 2P
Switching power supply
2020-01-31
More results

Similar Description - IM820

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
logo
ILSI America LLC
IM830 ILSI-IM830 Datasheet
734Kb / 9P
Pb-free, RoHS and REACH compliant
IM890 ILSI-IM890 Datasheet
1Mb / 10P
Pb-free, RoHS and REACH compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com