Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL641USB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GL641USB
Description  USB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL641USB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GL641USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revision 1.2
June 1, 2001
-2-
GL641USB
GL641USB
GL641USB
GL641USB
1. Features
High performance and low cost solution for USB ATA / ATAPI / Compact Flash controller
USB Specification Compliance
− Conforms to USB 12Mbps Specification, Version 1.1
− Conforms to USB Storage Class Specification, Version 1.0 (bulk only protocol)
− Supports 1 device address and 4 endpoints (include endpoint 0)
Operating System Supported
− Windows 2000 & Windows ME
Supported by Microsoft default driver
− Windows 98 & Windows 98 SE
Supported by Genesys Logic USB Storage driver
− Mac OS 9.X & Mac OS X
Supported by Apple default driver or Genesys Logic USB Storage driver
On-chip 3.3v output for USB D+ pulled up
Integrated USB transceiver
External EEPROM interface for customizing VID & PID of USB device
Support ATA hard disk / ATAPI CD-ROM, CD-RW, MO / Compact Flash card in one chip
Data transfer rate up to 1.1Mbytes/sec when read/write the USB storage device
Improved output drivers with slew-rate control to reduce EMI
12 MHz external clock
Internal power-on reset (POR)
Internal power-fail detector
Supports suspend/normal mode power management
Available in cost saving 48-pins LQFP
Suspend power consumption of bus powered CF card reader is less than 500µA (USB specification)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com