Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL641USB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL641USB
Description  USB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL641USB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL641USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL641USB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Revision 1.2
June 1, 2001
-4-
GL641USB
GL641USB
GL641USB
GL641USB
3. PIN Definitions and Descriptions
Pin No.
Name
I/O
Description
1
PVDD
PWR
Power supplier for storage device interface
2
D8
I/O
Storage device data bus bit 8*
3
D9
I/O
Storage device data bus bit 9*
4
D10
I/O
Storage device data bus bit 10*
5
D11
I/O
Storage device data bus bit 11*
6
PGND
PWR
Ground for storage device interface
7
D12
I/O
Storage device data bus bit 12*
8
D13
I/O
Storage device data bus bit 13*
9
D14
I/O
Storage device data bus bit 14*
10
D15
I/O
Storage device data bus bit 15*
11
DIOR#
O
Storage device read strobe signal*
12
DIOW#
O
Storage device write strobe signal*
13
INTRQ
I
Storage device interrupt request signal*
14
DVDD
PWR
5V power supplier for internal logic
15
DGND
PWR
Ground for internal logic
16
Crystal out
CLK
Crystal clock output
17
Crystal in
CLK
Crystal clock input
18
GPIO1
I/O
General purpose I/O 1
19
GPIO2
I/O
General purpose I/O 2
20
V3.3
USB
3.3v power supplier for USB bus
21
D+
USB
D+ signal for USB
22
D-
USB
D- signal for USB
23
AVDD
PWR
5V power supplier for USB interface
24
AGND
PWR
Ground for USB interface
25
GPIO3
I/O
General purpose I/O 3
26
GPIO4
I/O
General purpose I/O 4
27
TSTMODE
I
Used at test mode only
28
EXTRST#
I
Used at test mode only
29
GPIO8
I/O
General purpose I/O 8
30
GPIO7
I/O
General purpose I/O 7
31
GPIO6
I/O
General purpose I/O 6
32
GPIO5
I/O
General purpose I/O 5
33
DGND
PWR
Ground for internal logic
34
DVDD
PWR
5V power supplier for internal logic
35
CS3FX#
O
Storage device register bank 3 selector*
36
CS1FX#
O
Storage device register bank 1 selector*
37
A0
O
Storage device address bus bit 0*
38
A1
O
Storage device address bus bit 1*
39
A2
O
Storage device address bus bit 2*
40
D0
I/O
Storage device data bus bit 0*
41
D1
I/O
Storage device data bus bit 1*
42
D2
I/O
Storage device data bus bit 2*
43
D3
I/O
Storage device data bus bit 3*
44
PGND
PWR
Ground for storage device interface
45
D4
I/O
Storage device data bus bit 4*
46
D5
I/O
Storage device data bus bit 5*
47
D6
I/O
Storage device data bus bit 6*
48
D7
I/O
Storage device data bus bit 7*
Table 3-1 GL641USB Pin Definitions and Descriptions
* Output voltage of this pin is equivalent to voltage supplied by PVDD.
Input voltage of this pin can be from 0v to 5v, and it threshold is 1v ~ 2v.
Therefore, these pins can support 3v/5v interface according to voltage of PVDD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com