Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-930-103G-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-930-103G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-930-103G-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-930-103G-R2 Datasheet HTML 1Page - Copal Electronics PA-930-103G-R2 Datasheet HTML 2Page - Copal Electronics PA-930-103G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model number
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Pressure medium
Operating humidity
Operating / Compensated
Storage temp.
Insulation resistance
Dielectric strength
Pressure port
Net weight
PA-930
102V
102G
102R
302R
103G
Gauge
0 ~
− 100
0 ~ 100
− 100 ~ 100
− 100 ~ 300
0 ~ 1000
200
200
200
600
2000
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx. 100
50 (125 V DC)
125 V DC, 60 s(Leakage current 1 mA maximum)
9/16-18UNF, R1/4
Corrosive gases/liquids compatible with SUS 316L and nickel alloy
0 ~ 50(Circuit Board)
 0 ~ 150(Pressure port)
/ 100 ~ 150(Pressure port)
35 ~ 85(No condensation)
300
300
300
900
3000
kPa
kPa
kPa
°C
%RH
°C
M
Ω
minimum
g
Ripple content
Consumption current
10 % (P-P)
20 mA
Supply voltage
12 ~ 24
± 10 %
V DC
maximum
maximum
Thermal error
Output voltage
Zero voltage
Span voltage
Output current
Linearity/Hysteresis
Response
※1:Pressure port temperature : 125 °C
Ambient temperature : 25 °C
1
± 0.04
3
± 0.04
2
± 0.04
1
± 0.04
4
± 0.04
1 mA max. (Load resistance 5 k
Ω min.)
± 0.5
± 0.10 %F.S./°C (100 to 150 °C, Reference temp. at 125 °C)
± 0.10 %F.S./°C (100 to 150 °C, Reference temp. at 125 °C)
1 ~ 5
Approx. 2 ms.
ZERO
%F.S.
SPAN
V DC
V
※1
V
※1
● Unless otherwise specified, the specs are defined at a pressure port temperature of 125
± 5 °C and at an ambient temperature of 25±5 °C and
excitation voltage of 24 V DC.
PA-930
PRESSURE TRANSDUCERS WITH AMP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com