Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-930-103G-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-930-103G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-930-103G-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-930-103G-R2 Datasheet HTML 1Page - Copal Electronics PA-930-103G-R2 Datasheet HTML 2Page - Copal Electronics PA-930-103G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9/16-18 UNF
(SUS316L)
Pressure port (Diaphragm)
(Nickel alloy)
(SUS304)
Pipe
Label 1
Label 2
Zero adjustment VR
(16)
6
42
75.5
(91.5)
(10)
19
0
–0.2
ジョイント
(PBT)
Joint
30
φ
AWG26 ULNo.2844
L = 1500 50
4-core shield cable
φ
(
4)
Cable bush
Cover (Aluminum with alumite finish)
(SUS316L)
13.5
75.5
(89)
R 1/4 (PT 1/4)
M5 depth 5
(SUS304)
Pipe
Label 1
Label 2
Zero adjustment VR
(PBT)
Joint
30
φ
AWG26 ULNo.2844
L = 1500 50
4-core shield cable
φ
(
4)
Cable bush
Cover (Aluminum with alumite finish)
Pressure port (Diaphragm)
(Nickel alloy)
19
0
–0.2
PA-930
PRESSURE TRANSDUCERS WITH AMP.
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero voltage, Span voltage:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
Wire color
Red
White
Black
Green
Shield
Connection
Power
B
Output
Common
N.C.
Fitting
■ INTERNAL ELECTRICAL SCHEMATICS
O VC type
O R1/4 (PT1/4) type
Shield
Common
Output
Power
B
Sensor
Main circuit
Pressure



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com