Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 7 Page - Gennum Corporation

  GS9024-CKB Datasheet HTML 1Page - Gennum Corporation GS9024-CKB Datasheet HTML 2Page - Gennum Corporation GS9024-CKB Datasheet HTML 3Page - Gennum Corporation GS9024-CKB Datasheet HTML 4Page - Gennum Corporation GS9024-CKB Datasheet HTML 5Page - Gennum Corporation GS9024-CKB Datasheet HTML 6Page - Gennum Corporation GS9024-CKB Datasheet HTML 7Page - Gennum Corporation GS9024-CKB Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GENNUM CORPORATION
521 - 70 - 06
7
Fig. 11
3. CARRIER DETECT THRESHOLD ADJUST
The threshold level at which loss of carrier is detected is
adjustable via external resistors at the CD_ADJ pin. The
control voltage at the CD_ADJ pin is set by a simple resistor
divider circuit. The threshold level is adjustable from 200m
to 350m. By default (no external resistors), the threshold is
typically 320m. Connecting this pin to Ground disables the
SDO/SDO
muting
function
and
allows
for
maximum
possible cable length equalization.
This feature is designed for use in applications such as
routers where signal crosstalk and circuit noise cause the
equalizer to output erroneous data when no input signal is
present. This problem is not solved by using a Carrier
Detect function with a fixed internal reference because the
signal to noise ratio on the circuit board may be significantly
less than the default signal detection level set by the on-
chip reference. To solve this problem, the GS9024 provides
a user adjustable threshold to meet the unique conditions
that exist in each user's application. Override and internal
default settings are provided to give the user total flexibility.
4. OUTPUT EYE MONITOR
The GS9024 provides an 'Output Eye Monitor' (OEM) which
allows the verification of signal integrity after equalization,
prior to reslicing. The OEM pin is an open collector current
output that requires an external 50
Ω pullup resistor. When
the pullup resistor is not used, the OEM block is disabled
and the internal OEM circuit is powered down. The OEM
provides
a
0.25Vp-p
signal
when
driving
a
5
0Ω
oscilloscope input.
5. I/O DESCRIPTION
5.1. High Speed Analog Inputs (SDI/SDI)
SDI/SDI
are
high
impedance
inputs
which
accept
differential or single-ended input drive.
Figure 12 shows the recommended interface when a single-
ended serial digital signal is used.
Fig. 12
5.2. High Speed Outputs (SDO/SDO)
SDO/SDO are current mode outputs that require external
pullups (see Figure 13). The output signal swings are
800mV when 75
Ω resistors are used. A diode can be
placed between VCC and the pullups to shift the signal
levels down by approximately 0.7 volts. When the output
traces are longer than 1 inch, controlled impedance traces
should be used. The pullup resistors should be placed at
the end of the output traces as they terminate the trace in
its characteristic impedance (75
Ω).
Fig. 13
0
1
2
3
4
5
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
0
CD_ADJ
CONTROL RANGE
SDI
GS9024
SDI
75
Ω
37.5
Ω
75
Ω
10nF
10nF
75
Ω
SDO
SDO
GS9024
75
Ω
75
Ω
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com