Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 5 Page - Gennum Corporation

  GS9024-CKB Datasheet HTML 1Page - Gennum Corporation GS9024-CKB Datasheet HTML 2Page - Gennum Corporation GS9024-CKB Datasheet HTML 3Page - Gennum Corporation GS9024-CKB Datasheet HTML 4Page - Gennum Corporation GS9024-CKB Datasheet HTML 5Page - Gennum Corporation GS9024-CKB Datasheet HTML 6Page - Gennum Corporation GS9024-CKB Datasheet HTML 7Page - Gennum Corporation GS9024-CKB Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GENNUM CORPORATION
521 - 70 - 06
5
TYPICAL PERFORMANCE CURVES (VS = 5V, TA = 25°C unless otherwise shown.)
Fig. 3 Maximum Data Rate vs. Cable Length - Belden 8281n
(see Test Setup in Figure 1)
Fig. 4 Equalizer Gain vs. Frequency
Fig. 5 Additive Jitter vs. Input Cable Length - Belden 8281
Fig. 6 SSI/CD Voltage vs. Cable Length - Belden 8281
(CD_ADJ = 0V)
Fig. 7 Carrier Detect Adjust Voltage Threshold Characteristics
Fig. 8 Input Impedance
DATA RATE (Mb/s)
500
400
300
200
100
0
90
180
270
360
450
540
630
0.5 UI
Output
Additive
Jitter
0.2 UI
Output
Additive
Jitter
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
FREQUENCY (MHz)
0
200
400
600
800
1000
1200
1400
1500
0
50
100
150
200
250
300
350
CABLE LENGTH (m)
540Mb/s
270Mb/s
5.00
4.50
4.00
3.50
3.00
2.50
0
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
200
250
300
350
400
CABLE LENGTH (m)
2.0
3.0
3.5
4.0
4.5
5.0
2.5
3000
1620
810
720
-j1
-j2
-j5
j2
j5
j1
j0.5
j0.2
-j0.2
-j0.5
Frequencies in MHz, impedances normalized to 50
Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com