Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2182AF.08ST Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM3P2182AF.08ST
Description  LCD Panel EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2182AF.08ST Datasheet(HTML) 1 Page - ON Semiconductor

  ASM3P2182AF.08ST Datasheet HTML 1Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 2Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 3Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 4Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 5Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. P3
1
Publication Order Number:
ASM3P2182A/D
ASM3P2182A
Product Preview
LCD Panel EMI Reduction IC
Description
The ASM3P2182A is a versatile spread spectrum frequency
modulator designed specifically for a wide range of input clock
frequencies from 25 MHz to 210 MHz. (Refer to Input Frequency and
Modulation Rate Table). The ASM3P2182A can generate an EMI
reduced clock from an OSC or a system generated clock. The
ASM3P2182A offers a Center Spread clock and with a percentage
deviation from
± 0.13% or ± 1.24%.
The ASM3P2182A reduces electromagnetic interference (EMI) at
the clock source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The ASM3P2182A allows
significant system cost savings by reducing the number of circuit
board layers ferrite beads, shielding and other passive components that
are traditionally required to pass EMI regulations.
The ASM3P2182A uses the most efficient and optimized
modulation profile approved by the FCC and is implemented in a
proprietary all digital method.
The ASM3P2182A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation.’
Applications
The ASM3P2182A is targeted towards EMI management for
memory and LVDS interfaces in mobile graphic chipsets and
high−speed digital applications such as PC peripheral devices,
consumer electronics, and embedded controller systems.
Features
• FCC Approved Method of EMI Attenuation
• Provides up to 15 dB EMI Reduction
• Generates a 1X Low EMI Spread Spectrum Clock of the Input Frequency
• Input Frequency Range: 25 MHz to 210 MHz
• Internal Loop Filter Minimizes External Components and Board Space
• Center Spread
• 4 Spread Frequency Deviation Selections: ± 0.13% to ± 1.24%
• Low Inherent Cycle−to−Cycle Jitter
• 3.3 V Operating Voltage
• TTL or CMOS Compatible Inputs and Outputs
• Low Power CMOS Design
• Supports Notebook VGA and Other LCD Timing Controller Applications
• Products are Available for Industrial Temperature Range
• Available in 8−pin SOIC and TSSOP Packages
• These are Pb−Free Devices
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
http://onsemi.com
SOIC−8
S SUFFIX
CASE 751BD
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
FS1
FS0
VDD
ModOUT
GND
S1
CLKIN
1
S0
TSSOP−8
T SUFFIX
CASE 948AL


Similar Part No. - ASM3P2182AF.08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2182AF-08SR PULSECORE-ASM3P2182AF-08SR Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
ASM3P2182AF-08SR ONSEMI-ASM3P2182AF-08SR Datasheet
133Kb / 6P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182AF-08ST PULSECORE-ASM3P2182AF-08ST Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
ASM3P2182AF-08ST ONSEMI-ASM3P2182AF-08ST Datasheet
133Kb / 6P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182AF-08TR PULSECORE-ASM3P2182AF-08TR Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
More results

Similar Description - ASM3P2182AF.08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com