Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQW14A-48S12-RJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # TQW14A-48S12-RJ
Description  Wide Input IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

TQW14A-48S12-RJ Datasheet(HTML) 1 Page - Artesyn Technologies

  TQW14A-48S12-RJ Datasheet HTML 1Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 2Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 3Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This series is a Quarter-Brick, wide-input intermediate bus
converter (IBC). Capable of operating from any input voltage in the
range 36 Vdc to 75 Vdc, this high efficiency isolated dc-dc
converter module generates a semi-regulated 12 V output and can
deliver up to 14 A. This series features a low profile open-frame
construction and has an industry standard quarter-brick footprint.
Embedded Power for
Business-Critical Continuity
Quarter-Brick
Series
Wide Input IBC
Special Features
• Wide input 36 Vdc to 75 Vdc
• Output voltage of 12 V ±10%
• Current rating 14 A
• Ultra high efficiency,
94.5% typical
• Industry standard quarter-brick
footprint
• Low profile - 0.35”
• Remote ON/OFF
• Available RoHS compliant
• 2 Year Warranty
Total Power:
168W
Input Voltage: 36 - 75VDC
# of Outputs:
Single
Rev.04.02.08
qbwiibc
1 of 4
Safety
UL/cUL : CAN/CSA 22.2 No.
60950-00 : UL 60950
UL 60950 File No. E174104
TÜV Product Service (EN60950)
Certificate No.
B 04 07 38572 046


Similar Part No. - TQW14A-48S12-RJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TQW14A-48S12-RJ EMERSON-NETWORKPOWER-TQW14A-48S12-RJ Datasheet
302Kb / 4P
wide-input intermediate bus converter
More results

Similar Description - TQW14A-48S12-RJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
EIGHTH-BRICKIBC EMERSON-NETWORKPOWER-EIGHTH-BRICKIBC Datasheet
654Kb / 3P
2nd Generation IBC
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
2nd Generation IBC
TQN20A EMERSON-NETWORKPOWER-TQN20A Datasheet
107Kb / 4P
Quarter-brick narrow input IBC
logo
Central Technologies
CTDD2210SF-D1R5K-2 CT-CTDD2210SF-D1R5K-2 Datasheet
269Kb / 2P
Wide Input Isolated
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
Wide Input Isolated
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
Wide Input Isolated
logo
Artesyn Technologies
TQN20A48S12J ARTESYN-TQN20A48S12J Datasheet
112Kb / 4P
Narrow Input IBC
logo
Vicor Corporation
IB048Q120T53N1-CB VICOR-IB048Q120T53N1-CB Datasheet
1Mb / 19P
IBC Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com