Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQW14A-48S12-RJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # TQW14A-48S12-RJ
Description  Wide Input IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

TQW14A-48S12-RJ Datasheet(HTML) 2 Page - Artesyn Technologies

  TQW14A-48S12-RJ Datasheet HTML 1Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 2Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 3Page - Artesyn Technologies TQW14A-48S12-RJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.04.02.08
qbwiibc
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Output voltage
(Nominal)
12 Vdc
Output votage range
10.8-13.2 Vdc
Total regulation
±10% max. 36-75 Vin
(Over line, load and
±5% max. 40-60 Vin
temperature)
Output current
0 A min.
14 A max.
Ripple and noise
(0-20 MHz)
150 mV pk-pk
(See Note 2)
Output capacitance
External to unit
200 μF min.
INPUT SPECIFICATIONS
Input voltage range
36-75 Vdc
Input current
No load
100 mA
Max.
3.9 A max. @ 48 Vin
Active low remote ON/OFF (See Note 1)
Open collector ref to input
ON
>1.1 Vdc or floating
OFF
<0.8 Vdc
Start-up time
Power-up from
15 ms typ.
Remote ON/OFF
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
EN55022
Level B
Radiated emissions
EN55022
Level A
Immunity:
ESD air
EN61000-4-2 8 kV
ESD contact
EN61000-4-2 6 kV
Radiated field enclosure
EN61000-4-3 10 V/m
Conducted (dc power)
EN61000-4-6 10 V
Conducted (signal)
EN61000-4-6 10 V
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
94.5% typ.
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
333 kHz
Approvals and
EN60950 (TÜV Product Service)
standards
UL/cUL60950
Material flammability
UL94V-0
Weight
40 g (1.43 oz)
MTBF
MIL-HDBK-217F
156,000 hours
Representative model:
14 A @ 48 Vin, 40 °C
100% load ground benign
Telcordia SR-332
1,231,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40 °C to +100 °C
(See Note 3)
temperature
Non-operating
-55 ºC to +125 ºC
PROTECTION
Current limit and short-circuit
Hiccup, auto recovery
Thermal
Auto recovery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com