Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN
Description  Low-profile type with excellent operability adds flexibility in set design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RSN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
412
In addition to the products listed, we can accommodate the follow specifications.
Configuration code
1
4
9-T
(T-Bar)
Dimensions
8
8
5
4
3
3
18.5
(14.5)
(8)
1.5
t=1.2
t=1.2
t=1.2
Unit:mm
Notes
Marked are specifications recommended by Alps.
Note
Lever Types
10
50
100
250
15A
1B
10A
Total resistance(k Ω)
Resistance taper
Total Resistance Variety
Resistance Taper
Corresponding Specification
Dust cover
Available
Terminal Layout / Circuit Diagram(Viewed from Mounting Side)
Single-unit
Dual-unit
Low-profile Master Type (N Fader) / Other Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com