Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN
Description  Low-profile type with excellent operability adds flexibility in set design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RSN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSN Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
413
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R S 6 0 N 1 1 1
9 T
A 1 0 3
Travel
60
A0
60mm
100mm
Number of resistor elements
Single-unit
Dual-unit
1
2
Total resistance
Code
Total resistance
(k Ω)
Code
Total resistance
(k Ω)
104
100
103
10
503
50
254
250
Resistance taper
Code
Resistance taper
A
15A
B
1B
D
10A
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
9T
9-T(T-Bar)
Lever types
Code
Configuration code
01
1
04
4
Low-profile Master Type (N Fader) / Ordering Products Not Listed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com