Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF2H003DB2 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # CF2H003DB2
Description  FREQUENCY RANGE TO 6GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF2H003DB2 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  CF2H003DB2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
58
COAXIAL CONNECTORS
CF2 Series
■TYPES AND COMBINATIONS
Dimensions in millimeters
●Panel Mount・Straight
P/N:2 Hole Mount・CF2T001D00
●Panel Mount・Right-angle
P/N:2 Hole Mount・CF2U001D00
●Panel Mount・Straight
P/N:2 Hole Mount・CF2H00※D**
Jack
●Panel Mount・Straight
P/N:2 Hole Mount・CF2C00※D**
Plug
Adapter
Various adapters are available.
See pages 93 to 107.
Receptacle
パネル間寸法/Dimension Between Panels
21.4±1
24.5±1
Dimension Between Panels



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com