Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF2H003DB2 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # CF2H003DB2
Description  FREQUENCY RANGE TO 6GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF2H003DB2 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  CF2H003DB2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CF2H003DB2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
59
COAXIAL CONNECTORS
CF2 Series
■RECEPTACLE
Panel Mount Type
Intermatable with PLUG
(61 Page)
Dimensions in millimeters
■Straight・Two-hole Mount
Part Number
:CF2T001D00
1.7±0.2
4±0.2
14
6±0.3
9.7
2-φ2.6 +0.3
 0
■Right-angle・Two-hole Mount
Part Number
:CF2U001D00
PANEL MOUNTING HOLE PATTERNS
(REF.)
12.2±0.1
4±0.2
6±0.3
11.9
8.3±0.1
1.7±0.2
2-M2.5×0.45
φ4.2
+0.1
 0
PANEL MOUNTING HOLE PATTERNS
(REF.)
φ4.2+0.1
 0
2-M2.3×0.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com