Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC3
Description  2 row, 0.4mm pitch, 19 position, compact connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC3 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DC3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MB-0233-2
5/7
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Applicable Board Dimension
7.3
No.1
No.19
No.18
No.2
0.58
0.8
Shell
DIP
Length
DC3RX19JA3
DC3RX19JA2
*Please refer to SJ Drawing when
considering this product.
■
Receptacle --- On-board Type (shell 4 point DIP version)
DC3RX19JA2 / 3 [SJ111288 / SJ111264]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com