Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC3
Description  2 row, 0.4mm pitch, 19 position, compact connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC3 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DC3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/7
MB-0233-2
May 2013
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Features
DC3 Series
HDMI Standard Type D HDMI Micro Connector
General Specifications
No. of Contacts: 19 position
Contact Resistance: Contact Area, 60m
 max.; Shell Area, 50m max.
Dielectric Withstanding Voltage: AC 250Vr.m.s per minute (when not mated)
Operating Temperature and Humidity Range
Temperature: -20 Deg. C to +85 Deg. C
Percentage Humidity: 85% max.
Rated Current: 0.3A per contact
Durability: 5,000 mating cycles
Impedance: 100
 25% (connector area)
2 row, 0.4mm pitch, 19 position, compact connector
Impedance-matching design compliant with high-speed transmission.
Grounded structure design for EMI control.
Design prevents solder wicking and flux scattering during reflow.
Available in on-board and mid-mount types.
Recently in the camcorder and digital still camera market, devices that are compatible with
digital high-vision are becoming the standard.
The DC3 Series is a connector compliant with the HDMI D Type standard targeting these
types of portable devices.
*HDMI stands for High-Definition Multimedia Interface and is a registered trademark of
HDMI Licensing LLC.
Applicable Markets
Mobile phone, high definition camcorder, digital still camera (single-lens reflex, compact) ,
tablet PC, portable game device, compact audio player, etc.
RoHS Compliant


Similar Part No. - DC3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC3 CHERRY-DC3 Datasheet
246Kb / 3P
SUBMINIATURE — SEALED
logo
Murata Manufacturing Co...
DC3.15kV MURATA-DC3.15kV Datasheet
45Kb / 1P
High Voltage Ceramic Capacitors (250V-6.3kV)
logo
DFI Inc
DC30 DFI-DC30 Datasheet
295Kb / 1P
DC to DC Converters
logo
Analog Devices
DC3021A AD-DC3021A Datasheet
1Mb / 10P
LTC3310S-1 3.3V to 1.0V at 10A, 2MHz Low EMI Buck Regulator in a 2.11cm2 Solution
Rev. 0 04/2
DC3071A AD-DC3071A Datasheet
1Mb / 10P
LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
Rev. 0 11/22
More results

Similar Description - DC3

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-153860-01 SAMTEC-ASP-153860-01 Datasheet
352Kb / 2P
6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD
ASP-153860-02 SAMTEC-ASP-153860-02 Datasheet
376Kb / 2P
6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD.
logo
AVX Corporation
145801020002829 AVX-145801020002829 Datasheet
421Kb / 3P
0.4mm Pitch Series 5801
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
logo
Adam Technologies, Inc.
2PCI--A-F-110-2-1 ADAM-TECH-2PCI--A-F-110-2-1 Datasheet
220Kb / 1P
COMPACT 110 POSITION RIGHT ANGLE
2PCI--B22-F-110-2-1 ADAM-TECH-2PCI--B22-F-110-2-1 Datasheet
209Kb / 1P
COMPACT 110 POSITION RIGHT ANGLE
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
logo
M-System Co.,Ltd.
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
logo
List of Unclassifed Man...
USL ETC-USL Datasheet
880Kb / 4P
0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com