Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL Datasheet (PDF) - List of Unclassifed Manufacturers

USL Datasheet PDF - List of Unclassifed Manufacturers
Part # USL
Download  USL Download
File Size   880.23 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE

USL Datasheet (PDF)

Go To PDF Page Download Datasheet
USL Datasheet PDF - List of Unclassifed Manufacturers

Part # USL
Download  USL Click to download

File Size   880.23 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE

USL Datasheet (HTML) - List of Unclassifed Manufacturers


USL Product details

▶Compact connector with a low profile of 1.0 mm(0.039’’) and
a mating width of 5.6 mm(0.220’’).
▶For micro coaxial cable(#42 AWG).
▶IDC of contacts all together is adopted for improved connection
reliability and more compact connectors.
▶Equipped with a metal shell, noise reduction and product
strength are ensured.
▶Multiple ground terminals are provided for enhanced transmission
characteristics and EMS protection.
▶Highly reliable design with effective contact displacement of
0.5mm(0.020).




Similar Part No. - USL

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
USL-52SAB1 BLOCKMASTER-ELECTRONICS-USL-52SAB1 Datasheet
374Kb / 1P
PCB Terminal Blocks
USL-5HB2 BLOCKMASTER-ELECTRONICS-USL-5HB2 Datasheet
90Kb / 1P
Screwless Terminal Blocks
USL-5SAB1 BLOCKMASTER-ELECTRONICS-USL-5SAB1 Datasheet
330Kb / 1P
PCB Terminal Blocks
USL-5VB1 BLOCKMASTER-ELECTRONICS-USL-5VB1 Datasheet
90Kb / 1P
Screwless Terminal Blocks
logo
Conquer Electronics Co....
USL-A.125 CONQUER-USL-A.125 Datasheet
224Kb / 1P
5.2Ø x 20 mm
More results


Similar Description - USL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46765-0301 MOLEX2-46765-0301 Datasheet
504Kb / 5P
MICRO HDMI. TYPE-D 0.4MM PITCH, 19CKT RECEPTACLE CONNECTOR
73412-0114 MOLEX8-73412-0114 Datasheet
143Kb / 2P
MICRO COAXIAL CONNECTOR RECEPTACLE VERTICAL
0734154680 MOLEX11-0734154680 Datasheet
74Kb / 1P
50 Ohms, SSMCX Plug for 1.37mm Micro Coaxial Cable, Bag
logo
Linx Technologies
CONUFL001-SMD LINX-CONUFL001-SMD Datasheet
172Kb / 2P
MICRO COAXIAL SURFACE MOUNT CONNECTOR
logo
Times Microwave Systems...
TF-047 TIMES-TF-047 Datasheet
858Kb / 2P
Micro-Coaxial Cable
Rev. 1: Feb. 2023
logo
Molex Electronics Ltd.
734120250 MOLEX-734120250 Datasheet
63Kb / 1P
MICRO COAXIAL CONNECTOR WITH 1.13 CABLE CA-UFL
2003/11/11
logo
Huber+Suhner, Inc.
11_716-50-7-3003_- HUBERSUHNER-11_716-50-7-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_716-50-9-3003_- HUBERSUHNER-11_716-50-9-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_BNC-50-3-5133_N HUBERSUHNER-11_BNC-50-3-5133_N Datasheet
799Kb / 1P
Coaxial Cable Connector
logo
Alpha Wire
9436 ALPHAWIRE-9436 Datasheet
124Kb / 4P
CABLE MICRO COAXIAL 36AWG 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com