Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USL
Description  0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USL Datasheet HTML 1Page - List of Unclassifed Manufacturers USL Datasheet HTML 2Page - List of Unclassifed Manufacturers USL Datasheet HTML 3Page - List of Unclassifed Manufacturers USL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USL
20-□□S BASE
USL
20-□□CV
*USL
20-□□SBASE and USL20-□□CV are component parts of
USL
20-□□S.
Unit:mm(inch)
USL
20-□□S(Plug,Cable side connector)
Product Table / Dimensions
Packaging style
Other
No. of contacts
Part Number
A
B
C
D
Number of packaging
20
USL20-20S
12.8
(0.504)
10.1
(0.398)
7.6
(0.299)
12.5
(0.492)
2,000
30
USL20-30S
16.8
(0.661)
14.1
(0.555)
11.6
(0.457)
16.5
(0.650)
2,000
40
USL20-40S
20.8
( 0.819)
18.1
(0.713)
15.6
(0.614)
20.5
(0.807)
2,000
B
A
C
4.5(0.177)
0.2(0.008)
n n-1
0.4(0.016)pitch
2.6(0.102)
2
1
KEL
A
"n" is number of contacts.
4.5
(0.177)
A
D
4.5
(0.177)
A
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com