Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USL
Description  0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USL Datasheet HTML 1Page - List of Unclassifed Manufacturers USL Datasheet HTML 2Page - List of Unclassifed Manufacturers USL Datasheet HTML 3Page - List of Unclassifed Manufacturers USL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit:mm(inch)
USL
00-□□L-□(Receptacle, PCB side connector)
Printed Circuit Board Layout (Compornent Side View)
Product Table / Dimensions
Ground Installation
No. of contact No. of ground
20
7
30
9
40
11
Packaging style
Embossed tape
Product Table
Part number
Number of packaging
USL00-□□L-A
500
USL00-□□L-B
1,000
USL00-□□L-C
3,000
No. of contacts
Part Number
A
B
C
D
E
F
20
USL00-20L-□
12.6
(0.496)
10.1
(0.398)
7.6
(0.299)
6.4
(0.252)
0.6
(0.024)
12.8
(0.504)
30
USL00-30L-□
16.6
(0.654)
14.1
(0.555)
11.6
(0.457)
9.6
(0.378)
1.0
(0.039)
16.8
(0.661)
40
USL00-40L-□
20.6
(0.811)
18.1
(0.713)
15.6
(0.614)
12.8
(0.504)
1.4
(0.055)
20.8
(0.819)
A
B
C
C
0.4(0.016)pitch
0.4(0.016)pitch
1.6(0.063)pitch
0.25(0.010)
D
1(0.039)
0.1(0.004)
0.15(0.006)
0.15(0.006)
A
KEL
0.8±0.1
(0.031±0.004)
0.2±0.03(0.008±0.001)
0.4±0.03
(0.016±0.001)pitch
n-1
n
0.3(0.012)
1.6±0.1(0.063±0.004)pitch
Hatching part is open area of metal shell.
Do not pattern in this area.
Ground mounting is recommended.
Common ground area
0.5±0.1
(0.020±0.004)
D±0.1(D±0.004)
F±0.1(F±0.004)
C±0.05(C±0.002)
E±0.05(E±0.002)
2
1
"n" is number of contacts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com