Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USL
Description  0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USL Datasheet HTML 1Page - List of Unclassifed Manufacturers USL Datasheet HTML 2Page - List of Unclassifed Manufacturers USL Datasheet HTML 3Page - List of Unclassifed Manufacturers USL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
▶CABLE ASSEMBLY STYLE
▶CABLE ASSEMBLY STYLE
▶CABLE ASSEMBLY STYLE
*Please contact your local KEL sales office for inquiries regarding cable length and tolerance.
*Laminated tape is designed to be a little wider than the cable width. Please contact your local KEL sales office for further details.
*Please contact your local KEL sales office for inquiries regarding cable length and tolerance.
*Laminated tape is designed to be a little wider than the cable width. Please contact your local KEL sales office for further details.
USL20-
SS-
. -
( )
USL
+S20- -
. -
( )
ORDER CODE
ORDER CODE
①【Type】USL20:Plug (Cable side connector)
⑤【Cable length (cm)】L:dimension (Example : 013.5=13.5cm)
②【Number of contacts】20:20 pin 30:30 pin 40:40 pin
⑥【Wiring code】B:Pin 1 to Pin 1 C:Pin 1 to Pin n
③【Cable exit style(Left side, CN1)】S:Straight
⑦【Laminated tape】Omit:Without tape H:With tape
④【Cable exit style(Right side, CN2)】S:Straight
⑧【Quantity】(B):10 to 49pcs (C):50 to 99pcs (D):100pcs or more
*Applicable cable length :
4 to 100cm Minimum cable length for USL20-□□SS-□□□.□-BH(□) : 7cm
①【Type】USL+S 20:Plug (Cable side connector) Left side connector, CN1 / USL20 series Right side connector, CN2 / USLS20 series
②【Number of contacts】20:20 pin 30:30 pin 40:40 pin
③【Cable length (cm)】L:dimension(Example : 013.5=13.5cm)
④【Wiring code】B:Pin 1 to Pin 1 C:Pin 1 to Pin n
⑤【Laminated tape】Omit:Without tape H:With tape
⑥【Quantity】
(B):10 to 49pcs(C):50 to 99pcs(D):100pcs or more
*Applicable cable length :
4 to 100cm Minimum cable length for USL+S20-□□-□□□.□-BH(□) : 7cm
CABLE ASSEMBLY
Unit:mm(inch)
Unit:mm(inch)
②
②
⑧
⑥
⑤
③
⑤
④
⑦
③
⑥
④
①
①
USL20-□□S
USL20-□□S
Ref. 3(0.118) Ref. 3(0.118)
n
1
L(cm)
CN1
CN2
CN1
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
CN2
Pin No.
n
n-1
n-2
n-3
n-4
5
4
3
2
1
Laminate tape
1
n
L(cm)
Ref. 3(0.118)
USL20-□□S
USL20-□□S
Ref. 3(0.118)
CN1
CN1
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
CN2
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
1
n
CN2
Laminate tape
1
n
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin 1
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin n
Wiring
Diagram
Micro Coaxial Cable
Wiring
Diagram
Micro Coaxial Cable
USL20-□□S
USL20-□□S
Ref. 3(0.118) Ref. 3(0.118)
n
1
L(cm)
CN1
CN2
CN1
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
CN2
Pin No.
n
n-1
n-2
n-3
n-4
5
4
3
2
1
Laminate tape
1
n
L(cm)
Ref. 3(0.118)
USL20-□□S
USL20-□□S
Ref. 3(0.118)
CN1
CN1
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
CN2
Pin No.
1
2
3
4
5
n-4
n-3
n-2
n-1
n
1
n
CN2
Laminate tape
1
n
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin 1
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin n
Wiring
Diagram
Micro Coaxial Cable
Wiring
Diagram
Micro Coaxial Cable
CN1
Pin No.
CN2
Pin No.
L(cm)
Ref.3(0.118)
Ref.3(0.118)
1
n
n
1
Laminate tape
CN2
CN1
USL20-□□S
USLS20-□□
CN1
Pin No.
CN2
Pin No.
1
n
1
n
CN1
CN2
USL20-□□S
USLS20-□□
L(cm)
Ref.3(0.118)
Ref.3(0.118)
Laminate tape
* "n" is number of contacts.
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin 1
Wiring Code :
Pin 1 to Pin n
Wiring
Diagram
Micro Coaxial Cable
Wiring
Diagram
Micro Coaxial Cable
CN1
Pin No.
CN2
Pin No.
L(cm)
Ref.3(0.118)
Ref.3(0.118)
1
n
n
1
Laminate tape
CN2
CN1
USL20-□□S
USLS20-□□
CN1
Pin No.
CN2
Pin No.
1
n
1
n
CN1
CN2
USL20-□□S
USLS20-□□
L(cm)
Ref.3(0.118)
Ref.3(0.118)
Laminate tape
* "n" is number of contacts.
* "n" is number of contacts.
Wiring Code :
Pin 1 to Pin 1
Wiring Code :
Pin 1 to Pin n
Wiring
Diagram
Micro Coaxial Cable
Wiring
Diagram
Micro Coaxial Cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com