Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02HCLP02A Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP02A
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP02A Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DF02HCLP02A Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
5/11
Modification Code
DF 02 P ****** A *
Series
Development No.
Type
P: plug
No. of Contacts
Connection Type
G: IDC
F: Soldering
Compatible Cable
28: 28AWG
30: 30AWG
22: 22 ~30AWG
No. of
Contacts
Part Number
Drawing
A
B
14
DF02P014F22A1
SJ114740
7.62
12.84
20
DF02P020F22A1
SJ114741
11.43
16.65
26
DF02P026F22A1
SJ114250
15.24
20.46
36
DF02P036F22A1
SJ114035
21.59
26.81
50
DF02P050F22A1
SJ114251
30.48
35.7
Applicable
Wire
No. of
Contacts
Part Number
Drawing
A
B
14
DF02P014G28A1 SJ114156
7.62
12.84
20
DF02P020G28A1 SJ114157 11.43 16.65
26
DF02P026G28A1 SJ114034 15.24 20.46
36
DF02P036G28A1 SJ114158 21.59 26.81
50
DF02P050G28A1 SJ114159 30.48
35.7
68
DF02P068G28A1 SJ114240 41.91 47.13
14
DF02P014G30A1 SJ114032
7.62
12.84
50
DF02P050G30A1 SJ114033 30.48
35.7
For
28AWG
For
30AWG
[Plug Individual Unit]
■
IDC Connection Type
Applicable Cable
- 28 AWG IDC Connection Type
Applicable Outer Dia.: φ0.51~ φ0.64
- 30 AWG IDC Connection Type
Applicable Outer Dia.: φ0.51~ φ0.64
Recommended Sheath: PVC
Applicable Cable
Applicable Cable: 22~30AWG equivalent
Applicable Outer Dia: φ1.1 max.
Recommended Sheath: PVC
1: Standard
Plating
A: contact area Au0.1μ min., terminal area Au
■
Soldering Connection Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com