Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02HCLP02A Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP02A
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP02A Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DF02HCLP02A Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP02A Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
10/11
●
Bench Manual IDC Tool: Standard type
Hand-press
Applicator
AWG
Outer Dia.
Tool Part No. /
Handling Instruction
Tool Part No. /
Handling Instruction
Tool Part No.
Handling
Instruction
14
AT214-DF02-1
20
AT220-DF02-1
26
AT226-DF02-1
36
AT236-DF02-1
50
AT250-DF02-1
68
AT268-DF02-1
14
AT214-DF02-2
50
AT250-DF02-2
30
CP110-3
/T707039
MT250-TX20A-2B
/T704064
T704064-01
No. of
Contacts
28
Attachment
Proccess
Wiring, Cuting, IDC
φ0.58
φ0.51
Applicable Wire
●
Bench Manual IDC Tool: Simplified type
Wiring
Cuting
Hand-press
Attachment
AWG
Outer Dia.
Tool Part No. /
Handling Instruction
Tool Part No. /
Handling Instruction
14
20
26
36
50
68
14
50
Tool Part No. /
Handling Instruction
30
AR-DF02-1
/T759106
CC-DF02-1
/T751069
MT-DF02-1
/T704197
No. of
Contacts
28
Proccess
IDC
CP110-3
/T707039
Tool Part No. /
Handling Instruction
Applicable Wire
φ0.51
~
φ0.64
Note) There are two types of bench manual IDC tool, standard type and
simplified type. Simplified type is applicable to wide range of outer
cable diameter (φ0.51~φ0.64) and the attachment parts are common to
all pin counts.
Please contact our Product Marketing Division for further information.
IDC Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com