Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES10 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES10
Description  Just need to insert the stripped wire into the connector for connection.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES10 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ES10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0274-1
January 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
No. of Contacts: 1 pin
Contact Resistance: 30mΩ max.
Rated Current: AC/DC 2A
* twisted wire (including spare solder) can not be used
ES10 Series
[When cable is inserted]
<<Outline>>
The ES10 Series is a compact, low-profile single wire cable insertion type connector
without an insulator compatible with LED lighting equipment.
It can be used for a wide range of various compact devices such as liquid crystal TV
backlight, tablet PC, and others.
Compact and low-profile structure without an insulator enhances design flexibility for
customers.
Just need to insert the stripped wire into the connector for connection.
Improved insertion workability with a guiding mechanism at the single wire insertion area.
Improved contact reliability with an original spring contacting structure.
Available in embossed tape reel packaging for automated mounting.
RoHS Compliant
Features
General Specifications
1/5
Durability: 5 times
Operating Temperature:
-40 Deg. C to +105 Deg. C
Applicable Wire:
Single wire 26 to 24 AWG equivalent
(φ0.4mm to φ0.51mm)
Covered diameter φ2.0mm max. (recommended)


Similar Part No. - ES10

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
ES10-40M3 FRANMAR-ES10-40M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-41M3 FRANMAR-ES10-41M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-42M3 FRANMAR-ES10-42M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-43M3 FRANMAR-ES10-43M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-45M3 FRANMAR-ES10-45M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
More results

Similar Description - ES10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR825PBF IRF-IRFR825PBF Datasheet
216Kb / 9P
fast body diode eliminates the need for external
logo
Rohm
DTC144VKAT146 ROHM-DTC144VKAT146 Datasheet
328Kb / 6P
Only the on/off conditions need to be set for operation, making the circuit design easy.
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
The need to choose a high value of the fly-back voltage
13-Aug-2007
logo
IXYS Corporation
CPC7592 IXYS-CPC7592 Datasheet
262Kb / 19P
Eliminates the need for zero cross switching
logo
Shoulder Electronics Li...
HDF1358F16 SHOULDER-HDF1358F16 Datasheet
107Kb / 5P
Subject the device to 85??for 16 hours. Then release the filter into the room conditions
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
Push the tool into the contact cavity on the locking lance side of the connector
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
Insert the shank of the nest into the yoke and tighten the set screw.
logo
PHOENIX CONTACT
1836476 PHOENIX-1836476 Datasheet
85Kb / 3P
Designed for integration into the SMT soldering process
1836984 PHOENIX-1836984 Datasheet
91Kb / 3P
Designed for integration into the SMT soldering process
logo
List of Unclassifed Man...
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com