Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG2 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FG2
Description  0.2mm pitch, One-Touch, Bottom-Contact Connector for FPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FG2 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FG2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0166-3
2/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Components
Material/ Finish
Contact
---(1), (2)
Copper alloy/ Contact area: Au plating
Terminal area: Au flash plating
Base Insulator---(3)
Synthetic resin/ No
Actuator
---(4)
Synthetic resin/ No
Ordering Information
FG2
S *** J A 1
(R3000)
A: Au/ Au flash plating
J: Angle type without H/D
No. of contacts
Series
S: Standard
mounting type
1: Modification code
Reel part no. (*note2)
Note2) An embossed tape reel contains 3000 pieces.
Please contact us for details on embossed tape specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com