Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG2 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FG2
Description  0.2mm pitch, One-Touch, Bottom-Contact Connector for FPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FG2 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FG2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FG2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MB-0166-3
3/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
SJ107376
FG2S***JA1
SJ Drawing
Part Number
Unit: mm
TABLE 1
No. of
Contacts
AB
CD
33
8.6
7.45
6.4
6.0
39
9.8
8.65
7.6
7.2
45
11.0
9.85
8.8
8.4
51
12.2
11.05
10.0
9.6
57
13.4
12.25
11.2
10.8
63
14.6
13.45
12.4
12.0
Note 3
Note 3) Lot No. (Indicated in 9 digits)
8
8
29
0d
1
1
A
Year
Month
Day
Place of
Production
Production
Line
Consecutive
No.
Mode: Good or
Defective
Please refer to previous page, concerning
materials and finishes for above(1) to (4).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com