Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD10-RRP3-F-0 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD10-RRP3-F-0
Description  SIMPLIFIED COAXIAL, MULTIPLETYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD10-RRP3-F-0 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  KD10-RRP3-F-0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
68
COAXIAL CONNECTORS
KD10/KD20 Series
■RECEPTACLE
Through-hole Solder Type
Intermatable with PLUG
(69 Page)
Dimensions in millimeters
■Right-angle
Dimension of Connector
Combinations
B±0.4
2
A
7.3
2
9.6
11.5
■Part Number/Dimensions
Number of
Contact
1
3
5
8
Part Number
AB
KD10
KD20
KD10-RRP-F-0
KD10-RRP3-F-0
KD10-RRP5-F-0
KD10-RRP8-F-0
KD20-RRP-F-0
KD20-RRP3-F-0
KD20-RRP5-F-0
KD20-RRP8-F-0
15.15
13.15
21.15
33.15
16.7
14.7
22.7
34.7
■Series Classification
Series Prefix
KD10
KD20
Gold Plating Thickness of Contact
0.1μm min.
0.3μm min.
Structure of Contact
One contacting points
Double contacting points
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm max.)
CENTER
CONDUCTOR
N-φ0.8
2-φ2.2
A±0.1
2±0.05
GROUND
GROUND
N-φ0.8
CENTER
CONDUCTOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com