Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD10-RRP3-F-0 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD10-RRP3-F-0
Description  SIMPLIFIED COAXIAL, MULTIPLETYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD10-RRP3-F-0 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  KD10-RRP3-F-0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
69
COAXIAL CONNECTORS
KD10/KD20 Series
■PLUG
Intermatable with RECEPTACLE
(68 Page)
Dimensions in millimeters
■Straight
10.35±0.1
C±0.4
3.54±0.1
D±0.4
(Note)The configuration is slightly different
from 50 ohm version to 75 ohm version.
For details, please consult us.
For Cable application type, harnessed
connectors which satisfy your
specification are supplied.
ONE END
BOTH END
REVERSE
■Part Number/Dimensions
Number of
Contact
1
3
5
8
1
3
5
8
1
3
5
8
Cable Assembly
Style
One End
Both End
Reverse
Part Number
D
50Ω
75Ω
KD10-CA※※-PL-8DV
KD20-CA※※-PL-8DV
KD10-CA※※-PL-8CV
KD10-CA※※-PL3-8DV
KD20-CA※※-PL3-8DV
KD10-CA※※-PL3-8CV
KD10-CA※※-PL5-8DV
KD20-CA※※-PL5-8DV
KD10-CA※※-PL5-8CV
KD10-CA※※-PL8-8DV
KD20-CA※※-PL8-8DV
KD10-CA※※-PL8-8CV
KD10-CA※※-2PL-8DV
KD20-CA※※-2PL-8DV
KD10-CA※※-2PL-8CV
KD10-CA※※-2PL3-8DV
KD20-CA※※-2PL3-8DV
KD10-CA※※-2PL3-8CV
KD10-CA※※-2PL5-8DV
KD20-CA※※-2PL5-8DV
KD10-CA※※-2PL5-8CV
KD10-CA※※-2PL8-8DV
KD20-CA※※-2PL8-8DV
KD10-CA※※-2PL8-8CV
KD10-CA※※-2PL-8DV-R
KD20-CA※※-2PL-8DV-R
KD10-CA※※-2PL-8CV-R
KD10-CA※※-2PL3-8DV-R
KD20-CA※※-2PL3-8DV-R
KD10-CA※※-2PL3-8CV-R
KD10-CA※※-2PL5-8DV-R
KD20-CA※※-2PL5-8DV-R
KD10-CA※※-2PL5-8CV-R
KD10-CA※※-2PL8-8DV-R
KD20-CA※※-2PL8-8DV-R
KD10-CA※※-2PL8-8CV-R
3.54
11.54
19.54
31.54
3.54
11.54
19.54
31.54
3.54
11.54
19.54
31.54
C
12.8
10.8
18.8
30.8
12.8
10.8
18.8
30.8
12.8
10.8
18.8
30.8
(Note)※※:Add Cable length included connector length(10.35mm).
60mm to 800mm…At intervals of 20mm Over 840mm…At intervals of 40mm
■Series Classification
Series Prefix
KD10
KD20
Gold Plating Thickness of Contact
0.1μm min.
0.3μm min.
Applicable Cables
50Ω
75Ω
0.8D-IEV
(LF)
CO-6F-SB-CX50
(Heat-resistant)
0.8CV-E41447
(LF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com