Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM80 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM80
Description  DDR SDRAM SODIMM Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM80 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MM80 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MB-0213-1
2/8
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Ordering Information
Contact area: Phosphor bronze / 0.1μm min. Au plating over Ni
Terminal area: Phosphor bronze / Au flash plating over Ni
Contact
Glass filled LCP
Insulator
Stainless / Sn plating
Metal Latch
Material / Finish
Component
MM80 - 204 B 1 -* 1 R
Series
No. of Contacts
Socket Type
B: Latch Type SMT Mounting
Contact Finish
1: 0.1µm min. Au plating over Ni
Key Type
1: TYPE A (1.5V)
R: Reverse Mounting
None: Standard Mounting
Modification Code
None: Product Height 5.2mm, without boss
E: Product Height 9.2mm, without boss
Part Number and SJ Drawing Number
SJ110282
Reverse
No
9.2
MM80-204B1-E1R
SJ110255
Reverse
No
5.2
MM80-204B1- 1R
SJ110291
Standard
No
5.2
MM80-204B1- 1
No
Boss
Standard
Mounting
Direction
SJ110292
SJ Drawing
JACS-10662
Specification
9.2
MM80-204B1-E1
Product
Height
Part Number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com