Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM80 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM80
Description  DDR SDRAM SODIMM Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM80 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MM80 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MM80 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/8
MB-0213-1
September 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Features
MM80 Series
DDR SDRAM SODIMM Connector
No. of Contacts: 204 pos.
Contact Resistance: 40mΩ max.
Dielectric Withstanding Voltage: AC 500Vr.m.s (per minute)
Contact Pitch: 0.6mm
Operating Temperature: -55 to+105 Deg. C
Rated Current: 0.3A
Insulation Resistance: 100MΩ min.
Durability: 25 mating cycles
Applicable DIMM Board Thickness: 1.0 ± 0.1mm
DDR3 SDRAM SODIMM 204 pos. socket compatible with JEDEC standard MO-268C.
Mis-mating prevention key is compatible with operation voltage 1.5V (DDR3).
Right-angle SMT type available in two connector heights: 5.2mm and 9.2mm.
To meet system requirements, products compatible with reverse mounting are also
available (5.2mm and 9.2mm height).
General Specifications
RoHS Compliant
The MM80 Series is a 204 position DDR3 SDRAM SODIMM* socket which is
compatible with the JEDEC MO-268C standard.
It is a highly reliable right-angle SMT type connector with a unique contact structure for
improved contact force, a design that prevents incomplete mating by not locking
unless the DIMM board is completely inserted, and stable contact achieved by assured
positioning of the DIMM board.
DDR3: Double Data Rate 3
SDRAM: Synchronous Dynamic Random Access Memory
SODIMM: Small Outline Dual In-line Memory Module


Similar Part No. - MM80

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM80-204B1-1 JAE-MM80-204B1-1 Datasheet
130Kb / 2P
Memory module Connector, Socket connector for DDR3 SDRAM SODIMM, 204pos., 5.2 mm height, Right-angle SMT type
MM80-204B1-1R JAE-MM80-204B1-1R Datasheet
131Kb / 2P
Memory module Connector, Socket connector for DDR3 SDRAM SODIMM, 204pos., 5.2 mm height, Right-angle SMT type,Reverse mount
logo
Motorola, Inc
MM8000 MOTOROLA-MM8000 Datasheet
47Kb / 2P
HIGH FREQUENCY TRANSISTOR
MM8001 MOTOROLA-MM8001 Datasheet
47Kb / 2P
HIGH FREQUENCY TRANSISTOR
MM8002 MOTOROLA-MM8002 Datasheet
47Kb / 2P
HIGH FREQUENCY TRANSISTOR
More results

Similar Description - MM80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L1624FT0 SAMSUNG-M470L1624FT0 Datasheet
264Kb / 20P
DDR SDRAM SODIMM
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
DDR SDRAM SODIMM
logo
List of Unclassifed Man...
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
1024MB DDR SDRAM SoDIMM
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
256MB DDR . SDRAM SoDIMM
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
256MB DDR ??SDRAM SoDIMM
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
logo
Micron Technology
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
DDR SDRAM SODIMM
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
DDR SDRAM SODIMM
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
DDR SDRAM SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com