Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DM48SW1 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DM48SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DM48SW1 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JK06DM48SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MB-0285-3
6/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Type
Part Number
Drawing
Number
Applicable
Conductor
Cross-sectional
Area
36
48
Panel Mount
Receptacle
JK06AM48PN1
Pin
N
SJ116185
1.25mm2~2.0mm2
JK06AM48PW1
W
JK06AM48PX1
X
JK06AM48PY1
Y
JK06AM48PZ1
Z
Plug
JK06DM48SN1
Socket
N
SJ116186
1.25mm2~2.0mm2
JK06DM48SW1
W
JK06DM48SX1
X
JK06DM48SY1
Y
JK06DM48SZ1
Z
Plug
(Short-type
Endbell)
JK06DM48SN2
Socket
N
SJ116187
1.25mm2~2.0mm2
JK06DM48SW2
W
JK06DM48SX2
X
JK06DM48SY2
Y
JK06DM48SZ2
Z
JK06 contact insert arrangements are compliant with MIL-DTL-5015 standard.
Please refer to product drawings of each product for further information on insert
arrangements and angular position of the contact inserts.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com